Electronic Components Datasheet Search
  English  ▼

X  

BLN Datasheet(PDF) 1 Page - Littelfuse

Part # BLN
Description  BLN Series Fibre Body Fast-acting Midget / 5AG Size Fuse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

BLN Datasheet(HTML) 1 Page - Littelfuse

  BLN Datasheet HTML 1Page - Littelfuse BLN Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15
Cartridge and Axial Lead Fuses
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: February 18, 2009
BLN Series
Fibre Body Fast-Acting Type > BLN Series
Please refer to www.littelfuse.com/series/BLN.html for current information.
Agency Approvals
Electrical Characteristics for Series
Pb
Agency
Agency File Number
Ampere Range
E10480
1.0 - 30A
®
LR2 9862
1.0 - 30A
PS
E
NBK170305-E10480A-D
1.0 - 30A
Electrical Characteristics
Ordering
Number
Amp
Rating
(A)
Max
Voltage
Rating
(V)
Interrupting
Rating
Nominal
Cold
Resistance
(Ohms)
Agency Approvals
PS
E
BLN 001
1
250
10,000
amperes at
250 VAC.
.395
x
x
x
BLN 01.5
1.5
.222
x
x
x
BLN 002
2.125
x
x
x
BLN 003
3
.0645
x
x
x
BLN 004
4
.0432
x
x
x
BLN 005
5
.0413
x
x
x
BLN 006.
6
.0284
x
x
x
BLN 008
8
.0166
x
x
x
BLN 010
10
.011
x
x
x
BLN 012
12
.00920
x
x
x
BLN 015
15
.00684
x
x
x
BLN 020
20
.0036
x
x
x
BLN 025
25
.00360
x
x
x
BLN 030
30
.00270
x
x
x
Electrical Specifications by Item
®
Fibertube, 250 V BLN Fuses provide low-cost protection for
military applications and control circuits.
% of Ampere
Rating
Ampere Rating
OpeningTime
100%
0-30
Until temp stabilizes
135%
0–30
1 hours, Maximum
200%
0-30
2 minutes, Maximum
Description
BLN Series Fibre Body Fast-acting Midget / 5AG Size Fuse
PS
E


Similar Part No. - BLN

ManufacturerPart #DatasheetDescription
logo
Littelfuse
BLN LITTELFUSE-BLN Datasheet
371Kb / 2P
Fast-acting Midget / 5AG Size Fuse
logo
Alpha & Omega Semicondu...
BLN0 AOSMD-BLN0 Datasheet
2Mb / 18P
High-Current, High-Performance DrMOS Power Module
Rev. 1.2 April 2021
logo
Littelfuse
BLN001 LITTELFUSE-BLN001 Datasheet
371Kb / 2P
Fast-acting Midget / 5AG Size Fuse
BLN001.T LITTELFUSE-BLN001.T Datasheet
303Kb / 4P
Supplemental Fuses BLN Series
Rev: 100121
BLN002 LITTELFUSE-BLN002 Datasheet
371Kb / 2P
Fast-acting Midget / 5AG Size Fuse
More results

Similar Description - BLN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATM1 ETC2-ATM1 Datasheet
401Kb / 1P
Fast-Acting Midget Fuses
logo
Littelfuse
BLF LITTELFUSE-BLF Datasheet
177Kb / 2P
BLF Series Laminated Body Fast-acting Midget / 5AG Size Fuse
logo
Cooper Bussmann, Inc.
HLQ-10 COOPER-HLQ-10 Datasheet
36Kb / 1P
Specialty Fuse Fast-Acting, Size Rejecting
logo
Bel Fuse Inc.
0ADAC BEL-0ADAC Datasheet
1Mb / 4P
FAST ACTING FUSE SERIES
0ADBC BEL-0ADBC Datasheet
1Mb / 4P
FAST ACTING FUSE SERIES
logo
Littelfuse
BLF LITTELFUSE-BLF_15 Datasheet
383Kb / 2P
Fast-acting Midget / 5AG Size Fuse
BLN LITTELFUSE-BLN_16 Datasheet
371Kb / 2P
Fast-acting Midget / 5AG Size Fuse
logo
Eaton All Rights Reserv...
GLQ EATON-GLQ Datasheet
153Kb / 2P
Specialty fuse, fast-acting, size rejecting
logo
Littelfuse
BLF LITTELFUSE-BLF_V01 Datasheet
845Kb / 2P
BLF Series Fast-acting Midget / 5AG Size Fuse
Revised: April 12, 2021
logo
Bel Fuse Inc.
0AKH BEL-0AKH Datasheet
520Kb / 3P
Fast-Acting Fuse Series
Rev. 0AKH Dec29 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com