Electronic Components Datasheet Search
  English  ▼

X  

LDC Datasheet(PDF) 1 Page - Littelfuse

Part # LDC
Description  CLASS L-LDC SERIES FUSES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LDC Datasheet(HTML) 1 Page - Littelfuse

  LDC Datasheet HTML 1Page - Littelfuse LDC Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWR-GARD® Fuse Datasheet
© 2012 Littelfuse POWR-GARD® Products
www.littelfuse.com
Rev: 100112
1 of 2
Class l – lDC series FUses
600VAC/DC•Time-Delay•150-2000A
Description
High DC voltage and interrupting ratings make the
POWR-PRO® LDC ideal for DC applications. The DC
interrupting performance exceeds UL listing requirements.
Applications
• Solar inverter and array protection
• UPS protection especially for large battery circuits
• DC distribution and variable speed drives
• Mass transit systems
Features/Benefits
• POWR-PRO® Performance
• Extremely Current-Limiting
• 600 V AC/DC rated
• 200 kA AC Interrupting Rating
• 50 kA DC Interrupting Rating
Specifications
Voltage Ratings
AC: 600 V
DC: 600 V
Interrupting Ratings
AC: 200 kA rms symmetrical
DC: 50 kA (16 millisecond time-constant)
Ampere Range
150–2000 A
Approvals
Standard 248-10, Class L
UL Listed 601–2000 A (File: E81895)
UL Recognized 150–600 A
(File: E71611)
CSA Certified 150–2000 A
(File: LR29862)
ampere ratings
150
450
750
1201
1601
200
500
800
1300
1800
250
600
900
1350
1900
300
601
1000
1400
2000
350
650
1100
1500
400
700
1200
1600
Web Resources
TC Curves, downloadable CAD drawings and other technical
information: www.littelfuse.com/ldc
Dimensions
Please refer to the Class L dimensions page 2
Peak Let-Thru Curve
Note: For more information, see Peak Let-Thru Table
series
amperage
Catalog nUmber orDering nUmber
LDC
700
LDC700
0LDC700.X
Ordering Information
LDC


Similar Part No. - LDC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LDC LITTELFUSE-LDC Datasheet
290Kb / 13P
CLASS L ??LDC SERIES FUSES
logo
MicroPower Direct, LLC
LDC-100 MPD-LDC-100 Datasheet
1Mb / 4P
100W Output Power
LDC-100-1650x MPD-LDC-100-1650x Datasheet
1Mb / 4P
100W Output Power
LDC-100-1960x MPD-LDC-100-1960x Datasheet
1Mb / 4P
100W Output Power
LDC-100-2290x MPD-LDC-100-2290x Datasheet
1Mb / 4P
100W Output Power
More results

Similar Description - LDC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KLPC LITTELFUSE-KLPC Datasheet
90Kb / 3P
KLPC Series POWR-PRO Class L Fuses
JLS LITTELFUSE-JLS Datasheet
415Kb / 2P
CLASS J JLS SERIES FUSES
logo
Cooper Bussmann, Inc.
KTU-601 COOPER-KTU-601 Datasheet
664Kb / 4P
Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
KLU-601 COOPER-KLU-601 Datasheet
643Kb / 4P
Limitron??KLU Class L 600Vac, 601-4000A, time-delay fuses
logo
Littelfuse
LDC LITTELFUSE-LDC_16 Datasheet
290Kb / 13P
CLASS L ??LDC SERIES FUSES
logo
Eaton All Rights Reserv...
KLU EATON-KLU Datasheet
643Kb / 4P
Limitron??KLU Class L 600Vac, 601-4000A, time-delay fuses
KTU EATON-KTU Datasheet
664Kb / 4P
Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
logo
Littelfuse
FLNR LITTELFUSE-FLNR_V01 Datasheet
249Kb / 4P
Class RK5 Fuses FLNR Series
Rev: 090721
KLKR LITTELFUSE-KLKR_V01 Datasheet
208Kb / 2P
CLASS CC KLKR SERIES FUSES
Rev: 062218
KLPC LITTELFUSE-KLPC_V01 Datasheet
499Kb / 2P
CLASS L ??KLPC SERIES FUSES
Rev: 060719
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com