Electronic Components Datasheet Search
  English  ▼

X  

SLC Datasheet(PDF) 1 Page - Littelfuse

Part # SLC
Description  SLC Class G Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SLC Datasheet(HTML) 1 Page - Littelfuse

  SLC Datasheet HTML 1Page - Littelfuse SLC Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© JUNE 2011 Littelfuse POWR-GARD Products
www.littelfuse.com
POWR-GARD® Fuse Datasheet
UL Class G
1
SLC CLaSS G FuSeS
480/600 VAC • Time-Delay • 1/2-60 Amperes
ampere ratinGS
1
/2
3
6
12
25
40
60
1
4
8
15
30
45
2
5
10
20
35
50
Web Resources
TC Curves, downloadable CAD drawings and other technical
information:
www.littelfuse.com/slc
Recommended Fuseholders
LG300 Series
L30030G Series
A
B
C
D
ampereS reFer tO
FiG. nO.
DimenSiOnS in inCHeS (mm )
a
B
C
D
1
/2 – 15
1
1 5/16 (33.3)
3
/8 (9.5)
9
/32 (7.1)
13
/32 (10.3)
20
1
1 13/32 (35.7)
3
/8 (9.5)
9
/32 (7.1)
13
/32 (10.3)
25, 30
1
1 5/8 (41.3)
3
/8 (9.5)
9
/32 (7.1)
13
/32 (10.3)
35 – 60
1
2 1/4 (57.2)
3
/8 (9.5)
1
/2 (12.7)
13
/32 (10.3)
Dimensions in inches (mm)
Ordering Information
SerieS
amperaGe CataLOG numBer SyStem numBer
SLC
10
SLC010
0SLC010.T
Description
Littelfuse SLC fuses provide cost effective branch circuit
protection. Fuse length varies to prevent over-fusing. Compact
Class G fuses were the first fuse series to approach midget
fuse dimensions and meet NEC® requirements for branch-
circuit protection.
Applications
• Branch circuit protection
Features/Benefits
• Branch circuit rated
• Current-limiting
• 100 kA interrupting rating
• 600 VAC rated 1/2-20 A
QPL
Fig. 1
Specifications
Voltage Ratings:
600 VAC (1/2 – 20 A)
480 VAC (25 – 60 A)
170 VDC (1/2 – 60 A) (Littelfuse self-certified)
Interrupting Ratings: AC: 100 kA rms symmetrical
DC: 10 kA
Ampere Range:
1
/2 – 60 A
Approvals:
Standard 248-5, Class G
UL Listed (File No. E81895)
CSA Certified (File No. LR29862)
Federal Specification WF-1814
(QPL-W-F-1814)


Similar Part No. - SLC

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SLC ITT-SLC Datasheet
452Kb / 16P
Snap/Clip-Lock Environmentally Sealed - Circular
logo
Littelfuse
SLC LITTELFUSE-SLC Datasheet
277Kb / 1P
SLC CLASS G FUSES
logo
Ningbo songle relay co....
SLC SONGLERELAY-SLC Datasheet
3Mb / 2P
Miniature volume, PCB usage
logo
Sanyou Corporation Limi...
SLC SANYOU-SLC Datasheet
112Kb / 4P
Miniature High Power Relay
logo
Automatic Timing & Cont...
SLC ATC-SLC Datasheet
248Kb / 1P
Phase Unbalance & Loss Monitor
More results

Similar Description - SLC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
RLN LITTELFUSE-RLN Datasheet
777Kb / 1P
RLN/RLS Class H Fuses
JLS LITTELFUSE-JLS Datasheet
415Kb / 2P
CLASS J JLS SERIES FUSES
LDC LITTELFUSE-LDC_16 Datasheet
290Kb / 13P
CLASS L ??LDC SERIES FUSES
SLC LITTELFUSE-SLC_17 Datasheet
277Kb / 1P
SLC CLASS G FUSES
logo
Eaton All Rights Reserv...
SC-1-2 EATON-SC-1-2 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A size-rejecting fuses
logo
Littelfuse
FLNR LITTELFUSE-FLNR_V01 Datasheet
249Kb / 4P
Class RK5 Fuses FLNR Series
Rev: 090721
FLSR LITTELFUSE-FLSR_V01 Datasheet
249Kb / 4P
Class RK5 Fuses FLSR Series
Rev: 090721
JLS LITTELFUSE-JLS_V01 Datasheet
330Kb / 3P
CLASS J ??JLS SERIES FUSES
Rev: 062617
KLKR LITTELFUSE-KLKR_V01 Datasheet
208Kb / 2P
CLASS CC KLKR SERIES FUSES
Rev: 062218
SLC LITTELFUSE-SLC_V01 Datasheet
479Kb / 1P
SLC CLASS G FUSES
Rev: 2-B-042219
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com