Electronic Components Datasheet Search
  English  ▼

X  

LAN8710A Datasheet(PDF) 70 Page - SMSC Corporation

Part # LAN8710A
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710A Datasheet(HTML) 70 Page - SMSC Corporation

Back Button LAN8710A Datasheet HTML 66Page - SMSC Corporation LAN8710A Datasheet HTML 67Page - SMSC Corporation LAN8710A Datasheet HTML 68Page - SMSC Corporation LAN8710A Datasheet HTML 69Page - SMSC Corporation LAN8710A Datasheet HTML 70Page - SMSC Corporation LAN8710A Datasheet HTML 71Page - SMSC Corporation LAN8710A Datasheet HTML 72Page - SMSC Corporation LAN8710A Datasheet HTML 73Page - SMSC Corporation LAN8710A Datasheet HTML 74Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
Revision 1.4 (08-23-12)
70
SMSC LAN8710A/LAN8710Ai
DATASHEET
Note 5.13 Min/max voltages guaranteed as measured with 100
Ω resistive load.
5.5
AC Specifications
This section details the various AC timing specifications of the device.
Note: The MII/SMI timing adheres to the IEEE 802.3 specification. Refer to the IEEE 802.3
specification for additional timing information.
Note: The RMII timing adheres to the RMII Consortium RMII Specification R1.2.
5.5.1
Equivalent Test Load
Output timing specifications assume a 25pF equivalent test load, unless otherwise noted, as illustrated
in Figure 5.1 below.
Table 5.5 10BASE-T Transceiver Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Transmitter Peak Differential Output Voltage
VOUT
2.2
2.5
2.8
V
Note 5.13
Receiver Differential Squelch Threshold
VDS
300
420
585
mV
Figure 5.1 Output Equivalent Test Load
25 pF
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com