Electronic Components Datasheet Search
  English  ▼

X  

PE4656 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4656
Description  75 Ohm N Male Connector Crimp/Solder Attachment For RG179, RG187
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4656 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4656 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4656 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm N Male Connector Crimp/Solder
Attachment For RG179, RG187
75 Ohm N Male Connector Crimp/Solder Attachment For RG179, RG187
Configuration
Connector
N Male
Connector Specification
MIL-C-39012
Connector Interface Type
RG179,RG187
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
1.153 [29.29]
Width/Dia., in [mm]
0.827 [21]
.
Weight, lbs [g]
0.075 [34.02]
Connector
Type
N Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
3µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
70µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm N Male Connector Crimp/Solder Attachment For RG179, RG187 from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm N Male Connector Crimp/Solder Attachment For RG179, RG187 PE4656
URL: http://www.pasternack.com/n-male-standard-rg179-rg187-connector-pe4656-p.aspx
PE4656
PE4656 REV


Similar Part No. - PE4656

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4650 PASTERNACK-PE4650 Datasheet
229Kb / 3P
BNC Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4651 PASTERNACK-PE4651 Datasheet
229Kb / 3P
BNC Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4652 PASTERNACK-PE4652 Datasheet
225Kb / 3P
N Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4653 PASTERNACK-PE4653 Datasheet
321Kb / 3P
N Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4654 PASTERNACK-PE4654 Datasheet
292Kb / 3P
N Female Bulkhead Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .640 inch DD Hole
More results

Similar Description - PE4656

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44168 PASTERNACK-PE44168 Datasheet
120Kb / 1P
75 OHM TNC MALE CRIMP ATTACHMENT FOR RG179 &RG187
PE4604 PASTERNACK-PE4604 Datasheet
311Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG179, RG187
PE4248 PASTERNACK-PE4248 Datasheet
250Kb / 1P
75 Ohm SMB Plug Connector Crimp/Solder Attachment For RG179,RG187
PE4616 PASTERNACK-PE4616 Datasheet
237Kb / 3P
75 Ohm BNC Female Connector Crimp/Solder Attachment For RG179, RG187
PE4603 PASTERNACK-PE4603 Datasheet
286Kb / 2P
75 Ohm BNC Male Connector Clamp/Solder Attachment For RG179, RG187
PE44319 PASTERNACK-PE44319 Datasheet
251Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment For RG179, RG187
PE4513 PASTERNACK-PE4513 Datasheet
118Kb / 1P
75 OHM N MALE CLAMP ATTACHMENT FOR RG179 &RG187
PE4249 PASTERNACK-PE4249 Datasheet
250Kb / 3P
75 Ohm SMC Plug Connector Crimp-Solder Attachment For RG179, RG187
PE4254 PASTERNACK-PE4254 Datasheet
217Kb / 2P
75 Ohm SMC Jack Connector Crimp-Solder Attachment For RG179, RG187
PE44872 PASTERNACK-PE44872 Datasheet
253Kb / 3P
75 Ohm SMB Jack Connector Crimp-Solder Attachment For RG179, RG187
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com