Electronic Components Datasheet Search
  English  ▼

X  

PE4659 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4659
Description  RP TNC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4659 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4659 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4659 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4659 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
RP TNC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
Configuration
Connector
TNC Male Reverse Polarity
Connector Interface Type
RG213,RG214,RG8,RG9,RG225,RG393
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.675 [42.55]
Width/Dia., in [mm]
0.75 [19.05]
.
Weight, lbs [g]
0.11 [49.9]
Connector
Type
TNC Male Reverse Polarity
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP TNC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225,
RG393 PE4659
PE4659
PE4659 REV 01
RP TNC Male Connector Clamp/Solder Attachment
For RG213, RG214, RG8, RG9, RG225, RG393


Similar Part No. - PE4659

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4650 PASTERNACK-PE4650 Datasheet
229Kb / 3P
BNC Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4651 PASTERNACK-PE4651 Datasheet
229Kb / 3P
BNC Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4652 PASTERNACK-PE4652 Datasheet
225Kb / 3P
N Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4653 PASTERNACK-PE4653 Datasheet
321Kb / 3P
N Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4654 PASTERNACK-PE4654 Datasheet
292Kb / 3P
N Female Bulkhead Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .640 inch DD Hole
More results

Similar Description - PE4659

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4109 PASTERNACK-PE4109 Datasheet
318Kb / 2P
BNC Male Connector Clamp/Solder Attachment For RG213.RG214,RG8,RG9,RG225,RG393
PE4182 PASTERNACK-PE4182 Datasheet
314Kb / 2P
HN Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4520 PASTERNACK-PE4520 Datasheet
312Kb / 3P
SC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4564 PASTERNACK-PE4564 Datasheet
214Kb / 2P
LC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4711 PASTERNACK-PE4711 Datasheet
478Kb / 3P
RP BNC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4088 PASTERNACK-PE4088 Datasheet
269Kb / 2P
TNC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4683 PASTERNACK-PE4683 Datasheet
206Kb / 2P
RP TNC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4735 PASTERNACK-PE4735 Datasheet
225Kb / 2P
RP BNC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4727 PASTERNACK-PE4727 Datasheet
230Kb / 3P
RP BNC Male Right Angle Connector Clamp-Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4675 PASTERNACK-PE4675 Datasheet
280Kb / 3P
RP TNC Male Right Angle Connector Clamp - Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com