Electronic Components Datasheet Search
  English  ▼

X  

SMLP12HBC7W Datasheet(PDF) 2 Page - Rohm

Part # SMLP12HBC7W
Description  SML-P1 Series PICOLEDTM-eco/PICOLEDTM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLP12HBC7W Datasheet(HTML) 2 Page - Rohm

  SMLP12HBC7W Datasheet HTML 1Page - Rohm SMLP12HBC7W Datasheet HTML 2Page - Rohm SMLP12HBC7W Datasheet HTML 3Page - Rohm SMLP12HBC7W Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
100
10
1.0
FORWARD VOLTAGE:VF (V)
2.5
3.0
3.5
Ta=25°C
■ ■SMLP12BC7T
■SMLP12WBC7W
■SMLP12HBC7W
100
10
1.0
FORWARD VOLTAGE:VF (V)
2.0
1.5
2.5
Ta=25°C
■
■
■
■SML-P12VT
■SML-P12UT
■SML-P12DT
■SML-P12YT
■SML-P12MT
■SML-P12PT
FORWARD VOLTAGE:VF (V)
100.0
10.0
1.0
2.0
1.5
2.5
0.1
Ta=25°C
■
■
■SML-P11VT
■SML-P11UT
■SML-P11DT
■SML-P11YT
■SML-P11MT
ATMOSPHERE TEMPERATURE:Ta (°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
■ ■SML-P11VT
■SML-P11UT
■SML-P11DT
■SML-P11YT
■SML-P11MT
ATMOSPHERE TEMPERATURE:Ta (°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
■ ■SML-P12VT
■SML-P12UT
■SML-P12DT
■SML-P12YT
■SML-P12MT
■SML-P12PT
ATMOSPHERE TEMPERATURE:Ta (°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
■ ■SMLP12BC7T
■SMLP12WBC7W
■SMLP12HBC7W
FORWARD CURRENT:IF (mA)
0
5
10
15
20
0
0.2
0.4
0.6
0.8
1.0
1.2
Ta=25°C
■
■
■
■SML-P11VT
■SML-P11UT
■SML-P11DT
■SML-P11YT
■SML-P11MT
FORWARD CURRENT:IF (mA)
0
5
10
15
20
0
0.2
0.4
0.6
0.8
1.0
1.2
Ta=25°C
■
■
■
■
■SML-P12VT
■SML-P12UT
■SML-P12DT
■SML-P12YT
■SML-P12MT
■SML-P12PT
FORWARD CURRENT:IF (mA)
Ta=25°C
0
1
2
3
0
5
10
15
20
■
■
SMLP12BC7T
■SMLP12WBC7W
■SMLP12HBC7W
AMBIENT TEMPERATURE:Ta (°C)
30
20
10
-40
-20
0
20
40
60
80
100
0
■ ■SML-P11VT
■SML-P11UT
■SML-P11DT
■SML-P11YT
■SML-P11MT
AMBIENT TEMPERATURE:Ta (°C)
30
20
10
-40
-20
0
20
40
60
80
100
0
■ ■SML-P12VT
■SML-P12UT
■SML-P12DT
■SML-P12YT
■SML-P12MT
■SML-P12PT
AMBIENT TEMPERATURE:Ta (°C)
30
20
10
-40
-20
0
20
40
60
80
100
0
■ ■SMLP12BC7T
■SMLP12WBC7W
■SMLP12HBC7W
Forward Current-Forward Voltage
Electrical Characteristics Curves
Luminous Intensity-Atmosphere Temperature
Luminous Intensity-Forward Current
Derating
SML-P1 series
2/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com