Electronic Components Datasheet Search
  English  ▼

X  

LAN8720A Datasheet(PDF) 9 Page - SMSC Corporation

Part # LAN8720A
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8720A Datasheet(HTML) 9 Page - SMSC Corporation

Back Button LAN8720A Datasheet HTML 5Page - SMSC Corporation LAN8720A Datasheet HTML 6Page - SMSC Corporation LAN8720A Datasheet HTML 7Page - SMSC Corporation LAN8720A Datasheet HTML 8Page - SMSC Corporation LAN8720A Datasheet HTML 9Page - SMSC Corporation LAN8720A Datasheet HTML 10Page - SMSC Corporation LAN8720A Datasheet HTML 11Page - SMSC Corporation LAN8720A Datasheet HTML 12Page - SMSC Corporation LAN8720A Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 79 page
background image
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Datasheet
SMSC LAN8720A/LAN8720Ai
9
Revision 1.4 (08-23-12)
DATASHEET
Chapter 2 Pin Description and Configuration
Note: When a lower case “n” is used at the beginning of the signal name, it indicates that the signal
is active low. For example, nRST indicates that the reset signal is active low.
Note: The buffer type for each signal is indicated in the BUFFER TYPE column. A description of the
buffer types is provided in Section 2.2.
Figure 2.1 24-QFN Pin Assignments (TOP VIEW)
VSS
NOTE: Exposed pad (VSS) on bottom of package must be connected to ground
SMSC
LAN8720A/LAN8720Ai
24 PIN QFN
(TOP VIEW)
MDIO
7
8
9
10
11
12
24
23
22
21
20
19
VDD1A
TXN
TXP
RXN
RXP
RBIAS
CRS_DV/MODE2
RXER/PHYAD0
VDDIO
RXD0/MODE0
RXD1/MODE1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com