Electronic Components Datasheet Search
  English  ▼

X  

LAN9500A Datasheet(PDF) 21 Page - SMSC Corporation

Part # LAN9500A
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500A Datasheet(HTML) 21 Page - SMSC Corporation

Back Button LAN9500A Datasheet HTML 17Page - SMSC Corporation LAN9500A Datasheet HTML 18Page - SMSC Corporation LAN9500A Datasheet HTML 19Page - SMSC Corporation LAN9500A Datasheet HTML 20Page - SMSC Corporation LAN9500A Datasheet HTML 21Page - SMSC Corporation LAN9500A Datasheet HTML 22Page - SMSC Corporation LAN9500A Datasheet HTML 23Page - SMSC Corporation LAN9500A Datasheet HTML 24Page - SMSC Corporation LAN9500A Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
SMSC LAN950x Family
21
Revision 1.1 (04-18-13)
DATASHEET
Table 3.5 USB Pins
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
USB
DMINUS
USBDM
AIO
Note:
The functionality of this pin may be
swapped to USB DPLUS via the
PORT_SWAP configuration strap.
1
USB
DPLUS
USBDP
AIO
Note:
The functionality of this pin may be
swapped to USB DMINUS via the
PORT_SWAP configuration strap.
1
External USB
Bias Resistor.
USBRBIAS
AI
Used for setting HS transmit current level and on-
chip termination impedance. Connect to an
external 12K 1.0% resistor to ground.
1
USB PLL
Supply
VDDUSBPLL
P
This pin must be connected to VDDCORE for
proper operation.
Refer to Chapter 4, "Power Connections," on
page 25 and the device reference schematic for
additional connection information.
1
Crystal Input
XI
ICLK
External 25 MHz crystal input.
Note:
This pin can also be driven by a single-
ended clock oscillator. When this
method is used, XO should be left
unconnected
1
Crystal
Output
XO
OCLK
External 25 MHz crystal output.
Table 3.6 Ethernet PHY Pins
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
Ethernet TX
Data Out
Negative
TXN
AIO
The transmit data outputs may be swapped
internally with receive data inputs when Auto-
MDIX is enabled.
1
Ethernet TX
Data Out
Positive
TXP
AIO
The transmit data outputs may be swapped
internally with receive data inputs when Auto-
MDIX is enabled.
1
Ethernet RX
Data In
Negative
RXN
AIO
The receive data inputs may be swapped
internally with transmit data outputs when Auto-
MDIX is enabled.
1
Ethernet RX
Data In
Positive
RXP
AIO
The receive data inputs may be swapped
internally with transmit data outputs when Auto-
MDIX is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com