Electronic Components Datasheet Search
  English  ▼

X  

LAN9500I Datasheet(PDF) 13 Page - SMSC Corporation

Part # LAN9500I
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500I Datasheet(HTML) 13 Page - SMSC Corporation

Back Button LAN9500I Datasheet HTML 9Page - SMSC Corporation LAN9500I Datasheet HTML 10Page - SMSC Corporation LAN9500I Datasheet HTML 11Page - SMSC Corporation LAN9500I Datasheet HTML 12Page - SMSC Corporation LAN9500I Datasheet HTML 13Page - SMSC Corporation LAN9500I Datasheet HTML 14Page - SMSC Corporation LAN9500I Datasheet HTML 15Page - SMSC Corporation LAN9500I Datasheet HTML 16Page - SMSC Corporation LAN9500I Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
SMSC LAN950x Family
13
Revision 1.1 (04-18-13)
DATASHEET
Table 3.1 MII Interface Pins
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
Receive Error
(External
PHY Mode)
RXER
IS
(PD)
In external PHY mode, the signal on this pin is
input from the external PHY and indicates a
receive error in the packet. In internal PHY mode,
this pin is not used.
1
Transmit
Enable
(External
PHY Mode)
TXEN
O8
(PD)
In external PHY mode, this pin functions as an
output to the external PHY and indicates valid
data on TXD[3:0]. In internal PHY mode, this pin
is not used.
1
Receive Data
Valid
(External
PHY Mode)
RXDV
IS
(PD)
In external PHY mode, the signal on this pin is
input from the external PHY and indicates valid
data on RXD[3:0]. In internal PHY mode, this pin
is not used.
1
Receive
Clock
(External
PHY Mode)
RXCLK
IS
(PD)
In external PHY mode, this pin is the receiver
clock input from the external PHY. In internal
PHY mode, this pin is not used.
1
Carrier Sense
(External
PHY Mode)
CRS
IS
(PD)
In external PHY mode, the signal on this pin is
input from the external PHY and indicates a
network carrier.
General
Purpose I/O 3
(Internal PHY
Mode Only)
GPIO3
IS/O8/
OD8
(PU)
This General Purpose I/O pin is fully
programmable as either a push-pull output, an
open-drain output, or a Schmitt-triggered input.
1
MII Collision
Detect
(External
PHY Mode)
COL
IS
(PD)
In external PHY mode, the signal on this pin is
input from the external PHY and indicates a
collision event.
General
Purpose I/O 0
(Internal PHY
Mode Only)
GPIO0
IS/O8/
OD8
(PU)
This General Purpose I/O pin is fully
programmable as either a push-pull output, an
open-drain output, or a Schmitt-triggered input.
Note:
(LAN9500A/LAN9500Ai only)
This pin may be used to signal PME
when Internal PHY and PME modes of
operation are in effect. Refer to
Chapter 6, "PME Operation," on
page 41 for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com