Electronic Components Datasheet Search
  English  ▼

X  

PE4764 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4764
Description  RP BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4764 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4764 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4764 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4764 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
RP BNC Female Bulkhead Isolated Ground Connector
Solder Attachment Solder Cup Terminal, .480 inch D Hole
RP BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch
D Hole
Configuration
Connector
BNC Female Reverse Polarity
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Isolated Ground / Hermetic
Isolated Ground
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.063 [27]
Width/Dia., in [mm]
0.63 [16]
.
Weight, lbs [g]
0.027 [12.25]
Connector
Type
BNC Female Reverse Polarity
Contact Material and Plating
Brass, Gold
Contact Plating Specification
3µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
70µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Termi-
nal, .480 inch D Hole PE4764
PE4764
PE4764 REV


Similar Part No. - PE4764

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4760 PASTERNACK-PE4760 Datasheet
241Kb / 2P
RP BNC Female Right Angle Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
PE4761 PASTERNACK-PE4761 Datasheet
221Kb / 3P
RP BNC Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4762 PASTERNACK-PE4762 Datasheet
203Kb / 2P
RP BNC Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
PE4763 PASTERNACK-PE4763 Datasheet
238Kb / 2P
RP BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PE4765 PASTERNACK-PE4765 Datasheet
283Kb / 3P
RP BNC Female Connector Clamp/Solder Attachment 4 Hole Flange For RG55, RG58, RG141, RG142,RG223, RG400, .500 inch Threaded Hole Spacing
More results

Similar Description - PE4764

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44181 PASTERNACK-PE44181 Datasheet
256Kb / 2P
75 Ohm TNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4091 PASTERNACK-PE4091 Datasheet
246Kb / 3P
BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4626 PASTERNACK-PE4626 Datasheet
219Kb / 3P
75 Ohm BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4758 PASTERNACK-PE4758 Datasheet
250Kb / 3P
RP BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4468 PASTERNACK-PE4468 Datasheet
257Kb / 3P
TNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4318 PASTERNACK-PE4318 Datasheet
834Kb / 3P
BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4629 PASTERNACK-PE4629 Datasheet
247Kb / 2P
75 Ohm BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4757 PASTERNACK-PE4757 Datasheet
203Kb / 2P
RP BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4707 PASTERNACK-PE4707 Datasheet
216Kb / 3P
RP TNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4091 PASTERNACK-PE4091_16 Datasheet
355Kb / 3P
BNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment Solder Cup Terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com