Electronic Components Datasheet Search
  English  ▼

X  

PE4765 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4765
Description  RP BNC Female Connector Clamp/Solder Attachment 4 Hole Flange For RG55, RG58, RG141, RG142,RG223, RG400, .500 inch Threaded Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4765 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4765 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4765 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4765 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
RP BNC Female Connector Clamp/Solder Attachment 4 Hole Flange For RG55, RG58, RG141, RG142,
RG223, RG400, .500 inch Threaded Hole Spacing
Configuration
Connector
BNC Female Reverse Polarity
Connector Specification
MIL-C-39012
Connector Interface Type
RG55,RG58,RG141,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.15 [29.21]
Width/Dia., in [mm]
0.687 [17.45]
Height, in [mm]
0.687 [17.45]
.
Weight, lbs [g]
0.041 [18.6]
Connector
Type
BNC Female Reverse Polarity
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: RP BNC Female Connector Clamp/Solder Attachment 4 Hole Flange For RG55, RG58,
RG141, RG142, RG223, RG400, .500 inch Threaded Hole Spacing PE4765
PE4765
PE4765 REV
RP BNC Female Connector Clamp/Solder Attachment
4 Hole Flange For RG55, RG58, RG141, RG142,
RG223, RG400, .500 inch Threaded Hole Spacing


Similar Part No. - PE4765

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4760 PASTERNACK-PE4760 Datasheet
241Kb / 2P
RP BNC Female Right Angle Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
PE4761 PASTERNACK-PE4761 Datasheet
221Kb / 3P
RP BNC Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4762 PASTERNACK-PE4762 Datasheet
203Kb / 2P
RP BNC Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
PE4763 PASTERNACK-PE4763 Datasheet
238Kb / 2P
RP BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PE4764 PASTERNACK-PE4764 Datasheet
219Kb / 3P
RP BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
More results

Similar Description - PE4765

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4066 PASTERNACK-PE4066 Datasheet
270Kb / 2P
TNC Female Connector Clamp/Solder Attachment 4 Hole Flange For RG58, RG55, RG141, RG142 RG223, RG400, .500 inch Threaded Hole Spacing
PE4736 PASTERNACK-PE4736 Datasheet
275Kb / 3P
RP BNC Female Connector Clamp/Solder Attachment For RG55, RG58, RG141, RG142, RG223, RG400
PE4969 PASTERNACK-PE4969 Datasheet
280Kb / 3P
C Female Connector Clamp/Solder Attachment 4 Hole Flange For RG58, RG55, RG141, RG142,RG223, RG400, .718 inch Hole Spacing
PE4056 PASTERNACK-PE4056 Datasheet
262Kb / 2P
BNC Female Connector Clamp/Solder Attachment 4 Hole Flange For RG58, RG55, RG141, RG142 RG223, RG400, .500 inch Threaded Hole Spacing
PE4058 PASTERNACK-PE4058 Datasheet
299Kb / 2P
BNC Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4313 PASTERNACK-PE4313 Datasheet
231Kb / 3P
MHV Female Connector Clamp/Solder Attachment 4 Hole Flange For RG55, RG58, RG141, RG142 RG223, RG400, .500 inch Threaded Hole Spacing
PE4035 PASTERNACK-PE4035 Datasheet
583Kb / 2P
SMA Female Connector Clamp/Solder Attachment 4 Hole Flange For RG58, RG55, RG141, RG142, RG223, RG400, .340 inch Hole Spacing
PE4684 PASTERNACK-PE4684 Datasheet
233Kb / 2P
RP TNC Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4714 PASTERNACK-PE4714 Datasheet
237Kb / 3P
RP BNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4792 PASTERNACK-PE4792 Datasheet
229Kb / 3P
RP SMA Female Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com