Electronic Components Datasheet Search
  English  ▼

X  

PE4767 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4767
Description  RP SMA Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4767 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4767 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4767 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP SMA Male Connector Crimp/Solder Attachment
For RG55, RG141, RG142, RG223, RG400
RP SMA Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
Configuration
Connector
SMA Male Reverse Polarity
Connector Interface Type
RG55,RG141,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.94 [23.88]
Width/Dia., in [mm]
0.312 [8]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Male Reverse Polarity
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP SMA Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400 from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP SMA Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4767
URL: http://www.pasternack.com/sma-male-reverse-polarity-rg55-rg141-rg142-rg223-rg400-connector-pe4767-p.aspx
PE4767
PE4767 REV


Similar Part No. - PE4767

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4760 PASTERNACK-PE4760 Datasheet
241Kb / 2P
RP BNC Female Right Angle Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
PE4761 PASTERNACK-PE4761 Datasheet
221Kb / 3P
RP BNC Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4762 PASTERNACK-PE4762 Datasheet
203Kb / 2P
RP BNC Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
PE4763 PASTERNACK-PE4763 Datasheet
238Kb / 2P
RP BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PE4764 PASTERNACK-PE4764 Datasheet
219Kb / 3P
RP BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
More results

Similar Description - PE4767

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44471 PASTERNACK-PE44471 Datasheet
246Kb / 2P
RP N Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4042 PASTERNACK-PE4042 Datasheet
261Kb / 2P
N Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4663 PASTERNACK-PE4663 Datasheet
222Kb / 3P
RP TNC Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4781 PASTERNACK-PE4781 Datasheet
214Kb / 3P
RP SMA Male Right Angle Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE44182 PASTERNACK-PE44182 Datasheet
248Kb / 2P
RT SMA Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4047 PASTERNACK-PE4047 Datasheet
268Kb / 3P
TNC Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4657 PASTERNACK-PE4657 Datasheet
111Kb / 1P
MHV MALE CRIMP ATTACHMENT FOR RG55 RG141 RG142 RG223 & RG400
PE4793 PASTERNACK-PE4793 Datasheet
221Kb / 3P
RP SMA Female Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4766 PASTERNACK-PE4766 Datasheet
228Kb / 2P
RP SMA Male Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44975 PASTERNACK-PE44975 Datasheet
200Kb / 2P
RP SMA Male Right Angle Connector Crimp - Solder Attachment For RG55, RG141, RG142, RG223, RG400
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com