Electronic Components Datasheet Search
  English  ▼

X  

PE4779 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4779
Description  RP SMA Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4779 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4779 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4779 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP SMA Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
Configuration
Connector
SMA Male Reverse Polarity
Connector Interface Type
PE-SR405AL,PE-SR405FL,RG405
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.535 [13.59]
Width/Dia., in [mm]
0.312 [7.92]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMA Male Reverse Polarity
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Stainless Steel, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP SMA Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405 from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP SMA Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405 PE4779
URL:
http://www.pasternack.com/sma-male-reverse-polarity-pe-sr405al-pe-sr405fl-rg405-connector-pe4779-p.aspx
PE4779
PE4779 REV 01
RP SMA Male Connector Solder Attachment For
PE-SR405AL, PE-SR405FL, RG405


Similar Part No. - PE4779

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4770 PASTERNACK-PE4770 Datasheet
296Kb / 3P
RP SMA Male Connector Clamp - Solder Attachment For RG174, RG316, RG188
PE4771 PASTERNACK-PE4771 Datasheet
213Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4772 PASTERNACK-PE4772 Datasheet
87Kb / 1P
PASTERNACK ENTERPRISES
PE4773 PASTERNACK-PE4773 Datasheet
217Kb / 2P
RP SMA Male Connector Clamp - Solder Attachment For RG178, RG196
PE4774 PASTERNACK-PE4774 Datasheet
210Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG178, RG196
More results

Similar Description - PE4779

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44215 PASTERNACK-PE44215 Datasheet
271Kb / 2P
2.4mm Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4791 PASTERNACK-PE4791 Datasheet
258Kb / 2P
RP SMA Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4005 PASTERNACK-PE4005 Datasheet
273Kb / 3P
SMA Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4025 PASTERNACK-PE4025 Datasheet
501Kb / 3P
SMA Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4116 PASTERNACK-PE4116 Datasheet
213Kb / 2P
SMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4649 PASTERNACK-PE4649 Datasheet
231Kb / 3P
TNC Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4853 PASTERNACK-PE4853 Datasheet
209Kb / 2P
RP SMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44690 PASTERNACK-PE44690 Datasheet
290Kb / 3P
SMA Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44495 PASTERNACK-PE44495 Datasheet
209Kb / 2P
QMA Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4673 PASTERNACK-PE4673 Datasheet
310Kb / 3P
RP TNC Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com