Electronic Components Datasheet Search
  English  ▼

X  

BA00ST Datasheet(PDF) 6 Page - Rohm

Part # BA00ST
Description  Regulator, low drop-out type with ON/OFF switch BA??ST / BA??SFP series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA00ST Datasheet(HTML) 6 Page - Rohm

Back Button BA00ST_1 Datasheet HTML 2Page - Rohm BA00ST_1 Datasheet HTML 3Page - Rohm BA00ST_1 Datasheet HTML 4Page - Rohm BA00ST_1 Datasheet HTML 5Page - Rohm BA00ST_1 Datasheet HTML 6Page - Rohm BA00ST_1 Datasheet HTML 7Page - Rohm BA00ST_1 Datasheet HTML 8Page - Rohm BA00ST_1 Datasheet HTML 9Page - Rohm BA00ST_1 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
BA
ΟΟST / BAΟΟSFP series
Regulator ICs
6/11
BA10ST (unless otherwise noted, Ta=25
°C, Vcc=15 V, Io=500 mA)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
VO1
9.5
10
10.5
V
Fig.1
Reg.I
-
20
100
mV
Fig.1
R.R.
45
55
-
dB
eIN
=1Vrms, f=120Hz, IO=100mA
Fig.2
Reg.L
-
50
150
mV
IO
=5mA
→1A
Fig.1
TCVO
-
±0.02
-
% / ˚C
IO
=5mA, Tj=0~125˚C
Fig.1
Vd
-
0.3
0.5
V
VCC
=0.95VO
Fig.3
Ib
-
2.5
5.0
mA
IO
=0mA
Fig.4
IO
1.0
1.5
-
A
Tj
=25˚C
Fig.1
IOS
-
0.4
-
AVCC
=25V
Fig.5
Vth1
2.0
-
-
V
Output Active mode, IO
=0mA
Fig.6
Vth2
-
-
0.8
V
Output OFF mode, IO
=0mA
Fig.6
IIN
100
200
300
µA
CTL
=5V, IO=0mA
Fig.6
VCC
=11
→25V
Power save current
Output voltage
Input stability
Ripple rejection ratio
Load regulation
Temperature coefficient of output voltage
Minimum I/O voltage differential
Bias current
Peak output current
Output short-circuit current
ON mode voltage
OFF mode voltage
Input high level current
IST
-0
10
µA
Fig.4
OFF mode
BA12ST (unless otherwise noted, Ta=25
°C, Vcc=17 V, Io=500 mA)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
VO1
11.4
12
12.6
V
Fig.1
Reg.I
-
20
100
mV
Fig.1
R.R.
45
55
-
dB
eIN
=1Vrms, f=120Hz, IO=100mA
Fig.2
Reg.L
-
50
150
mV
IO
=5mA
→1A
Fig.1
TCVO
-
±0.02
-
% / ˚C
IO
=5mA, Tj=0~125˚C
Fig.1
Vd
-
0.3
0.5
V
VCC
=0.95VO
Fig.3
Ib
-
2.5
5.0
mA
IO
=0mA
Fig.4
IO
1.0
1.5
-
A
Tj
=25˚C
Fig.1
IOS
-
0.4
-
A
VCC
=25V
Fig.5
Vth1
2.0
-
-
V
Output Active mode, IO
=0mA
Fig.6
Vth2
-
-
0.8
V
Output OFF mode, IO
=0mA
Fig.6
IIN
100
200
300
µA
CTL
=5V, IO=0mA
Fig.6
VCC
=13
→25V
Power save current
Output voltage
Input stability
Ripple rejection ratio
Load regulation
Temperature coefficient of output voltage
Minimum I/O voltage differential
Bias current
Peak output current
Output short-circuit current
ON mode voltage
OFF mode voltage
Input high level current
IST
-0
10
µA
Fig.4
OFF mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com