Electronic Components Datasheet Search
  English  ▼

X  

BA00SFP Datasheet(PDF) 11 Page - Rohm

Part # BA00SFP
Description  Regulator, low drop-out type with ON/OFF switch BA??ST / BA??SFP series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA00SFP Datasheet(HTML) 11 Page - Rohm

Back Button BA00SFP Datasheet HTML 3Page - Rohm BA00SFP Datasheet HTML 4Page - Rohm BA00SFP Datasheet HTML 5Page - Rohm BA00SFP Datasheet HTML 6Page - Rohm BA00SFP Datasheet HTML 7Page - Rohm BA00SFP Datasheet HTML 8Page - Rohm BA00SFP Datasheet HTML 9Page - Rohm BA00SFP Datasheet HTML 10Page - Rohm BA00SFP Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
BA
ΟΟST / BAΟΟSFP series
Regulator ICs
11/11
10
8
6
4
2
0
0
1.0
2.0
OUTPUT CURRENT : IOUT (A)
Vcc=10V
Fig.10
Current limit characteristics
BA05ST
6
5
4
3
2
1
0
010
20
30
40
50
INPUT VOLTAGE : VCC (V)
BA05ST
Fig.11
Over voltage protection
characteristics
!
!
!
!
External Dimensions (Units: mm)
TO220FP-5
TO252-5
1
0.8
φ3.2±0.1
1.2
23 4 5
1.778
0.5
+0.1
2.85
10.0 +
0.3
−0.1
7.0
4.5 +
0.3
−0.1
2.8 +
0.2
−0.1
1pin : CTL
2pin : VCC
3pin : GND
4pin : OUT
5pin : N.C.
+0.3
−0.1
6.5±0.2
1
2
3
5
4
0.5
1.27 0.5±0.1
2.3±0.2
0.5±0.1
5.1 −0.1
+0.2
1.0±0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com