Electronic Components Datasheet Search
  English  ▼

X  

PE4787 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4787
Description  RP SMA Male Right Angle Connector Clamp/ Solder Attachment For RG178, RG196
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4787 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4787 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4787 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP SMA Male Right Angle Connector Clamp/Solder Attachment For RG178, RG196
Configuration
Connector
SMA Male Reverse Polarity
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.7 [17.78]
Width/Dia., in [mm]
0.312 [7.92]
Height, in [mm]
0.61 [15.49]
.
Weight, lbs [g]
0.02 [9.07]
Connector
Type
SMA Male Reverse Polarity
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP SMA Male Right Angle Connector Clamp/Solder Attachment For RG178, RG196 from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP SMA Male Right Angle Connector Clamp/Solder Attachment For RG178, RG196 PE4787
URL: http://www.pasternack.com/sma-male-reverse-polarity-rg178-rg196-connector-pe4787-p.aspx
PE4787
PE4787 REV 01
RP SMA Male Right Angle Connector Clamp/
Solder Attachment For RG178, RG196


Similar Part No. - PE4787

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4780 PASTERNACK-PE4780 Datasheet
269Kb / 3P
RP SMA Male Right Angle Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4781 PASTERNACK-PE4781 Datasheet
214Kb / 3P
RP SMA Male Right Angle Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4782 PASTERNACK-PE4782 Datasheet
98Kb / 1P
REVERSE POLARITY SMA MALE RIGHT ANGLE SOLDER ATTACHMENT FOR RG55 RG58 RG142 RG223 RG400
PE4783 PASTERNACK-PE4783 Datasheet
91Kb / 1P
REVERSE POLARITY SMA MALE RIGHT ANGLE CRIMP ATTACHMENT FOR RG58
PE4784 PASTERNACK-PE4784 Datasheet
221Kb / 3P
RP SMA Male Right Angle Connector Clamp/Solder Attachment For RG174, RG316, RG188
More results

Similar Description - PE4787

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4789 PASTERNACK-PE4789 Datasheet
252Kb / 2P
RP SMA Male Right Angle Connector Solder Attachment For RG178, RG196
PE4213 PASTERNACK-PE4213 Datasheet
103Kb / 1P
SMA MALE SOLDER ATTACHMENT FOR RG178 & RG196
PE4850 PASTERNACK-PE4850 Datasheet
277Kb / 2P
RP SMA Female Connector Clamp/Solder Attachment For RG178, RG196
PE4108 PASTERNACK-PE4108 Datasheet
206Kb / 2P
SMA Male Right Angle Connector Clamp/ Solder Attachment For RG178, RG196
PE4296 PASTERNACK-PE4296 Datasheet
289Kb / 3P
SMA Male Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4214 PASTERNACK-PE4214 Datasheet
210Kb / 2P
SMA Male Connector Clamp/Solder Attachment For RG178, RG196
PE4788 PASTERNACK-PE4788 Datasheet
228Kb / 3P
RP SMA Male Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4591 PASTERNACK-PE4591 Datasheet
218Kb / 2P
SMA Female Connector Clamp - Solder Attachment For RG178, RG196
PE4773 PASTERNACK-PE4773 Datasheet
217Kb / 2P
RP SMA Male Connector Clamp - Solder Attachment For RG178, RG196
PE4774 PASTERNACK-PE4774 Datasheet
210Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG178, RG196
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com