Electronic Components Datasheet Search
  English  ▼

X  

PE4793 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4793
Description  RP SMA Female Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4793 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4793 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4793 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4793 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
RP SMA Female Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
Configuration
Connector
SMA Female Reverse Polarity
Connector Specification
MIL-C-39012
Connector Interface Type
RG55,RG141,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.91 [23.11]
Width/Dia., in [mm]
0.312 [7.92]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMA Female Reverse Polarity
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP SMA Female Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223,
RG400 PE4793
PE4793
PE4793 REV 01
RP SMA Female Connector Crimp/Solder Attachment
For RG55, RG141, RG142, RG223, RG400


Similar Part No. - PE4793

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4790 PASTERNACK-PE4790 Datasheet
227Kb / 3P
RP SMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4791 PASTERNACK-PE4791 Datasheet
258Kb / 2P
RP SMA Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4792 PASTERNACK-PE4792 Datasheet
229Kb / 3P
RP SMA Female Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4794 PASTERNACK-PE4794 Datasheet
90Kb / 1P
REVERSE POLARITY SMA FEMALE SOLDER ATTACHMENT FOR RG55 RG58 RG142 RG223 RG400
PE4795 PASTERNACK-PE4795 Datasheet
84Kb / 1P
REVERSE POLARITY SMA FEMALE CRIMP ATTACHMENT FOR RG58
More results

Similar Description - PE4793

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44471 PASTERNACK-PE44471 Datasheet
246Kb / 2P
RP N Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4412 PASTERNACK-PE4412 Datasheet
241Kb / 2P
SMA Female Connector Crimp/solder Attachment For RG55,RG142,RG223,RG400
PE4663 PASTERNACK-PE4663 Datasheet
222Kb / 3P
RP TNC Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4781 PASTERNACK-PE4781 Datasheet
214Kb / 3P
RP SMA Male Right Angle Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4134 PASTERNACK-PE4134 Datasheet
267Kb / 3P
N Female Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4767 PASTERNACK-PE4767 Datasheet
213Kb / 2P
RP SMA Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE44190 PASTERNACK-PE44190 Datasheet
223Kb / 3P
RT SMA Female Connector Crimp - Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4766 PASTERNACK-PE4766 Datasheet
228Kb / 2P
RP SMA Male Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44975 PASTERNACK-PE44975 Datasheet
200Kb / 2P
RP SMA Male Right Angle Connector Crimp - Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4792 PASTERNACK-PE4792 Datasheet
229Kb / 3P
RP SMA Female Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com