Electronic Components Datasheet Search
  English  ▼

X  

PE4818 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4818
Description  D-Sub Receptacle Right Angle Contact Crimp Solder Attachment For RG178, RG196
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4818 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4818 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4818 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
D-Sub Receptacle Right Angle Contact Crimp/Solder Attachment For RG178, RG196
Configuration
Connector
D-Sub Receptacle
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.755 [19.18]
Width/Dia., in [mm]
0.218 [5.54]
Height, in [mm]
0.6 [15.24]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
D-Sub Receptacle
Contact Material and Plating
Gold
Outer Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
D-Sub Receptacle Right Angle Contact Crimp/Solder Attachment For RG178, RG196 from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: D-Sub Receptacle Right Angle Contact Crimp/Solder Attachment For RG178, RG196 PE4818
URL: http://www.pasternack.com/d-sub-receptacle-standard-rg178-rg196-connector-pe4818-p.aspx
PE4818
PE4818 REV 01
D-Sub Receptacle Right Angle Contact Crimp/
Solder Attachment For RG178, RG196


Similar Part No. - PE4818

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4810 PASTERNACK-PE4810 Datasheet
203Kb / 2P
D-Sub Plug Contact Crimp-Solder Attachment For RG178, RG196
PE4811 PASTERNACK-PE4811 Datasheet
94Kb / 1P
PASTERNACK ENTERPRISES
PE4812 PASTERNACK-PE4812 Datasheet
95Kb / 1P
PASTERNACK ENTERPRISES
PE4813 PASTERNACK-PE4813 Datasheet
97Kb / 1P
PASTERNACK ENTERPRISES
PE4814 PASTERNACK-PE4814 Datasheet
93Kb / 1P
D-Subminature PLUG RIGHT ANGLE SOLDER ATTACHMENT FOR RG178& RG196
More results

Similar Description - PE4818

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4554 PASTERNACK-PE4554 Datasheet
286Kb / 3P
MCX Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4822 PASTERNACK-PE4822 Datasheet
249Kb / 2P
D-Sub Receptacle Right Angle Contact Solder Attachment For RG178, RG196
PE4830 PASTERNACK-PE4830 Datasheet
247Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment For RG178, RG196
PE4814 PASTERNACK-PE4814 Datasheet
93Kb / 1P
D-Subminature PLUG RIGHT ANGLE SOLDER ATTACHMENT FOR RG178& RG196
PE4159 PASTERNACK-PE4159 Datasheet
282Kb / 2P
SMB Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4802 PASTERNACK-PE4802 Datasheet
204Kb / 2P
D-Sub Receptacle Contact Crimp/Solder Attachment For RG178, RG196
PE4826 PASTERNACK-PE4826 Datasheet
202Kb / 2P
D-Sub Plug Right Angle Contact Crimp/ Solder Attachment For RG178, RG196
PE4806 PASTERNACK-PE4806 Datasheet
204Kb / 2P
D-Sub Receptacle Contact Solder Attachment For RG178, RG196
PE4810 PASTERNACK-PE4810 Datasheet
203Kb / 2P
D-Sub Plug Contact Crimp-Solder Attachment For RG178, RG196
PE44380 PASTERNACK-PE44380 Datasheet
227Kb / 3P
SSMA Male Right Angle Connector Crimp - Solder Attachment For RG178, RG196
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com