| Electronic Components Datasheet Search |
|
M24C01-R Datasheet(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C01-R Datasheet(HTML) 20 Page - STMicroelectronics |
|
20 / 38 page ![]() DC and AC parameters M24C16, M24C08, M24C04, M24C02, M24C01 20/38 Doc ID 5067 Rev 17 6 DC and AC parameters This section summarizes the operating and measurement conditions, and the DC and AC characteristics of the device. The parameters in the DC and AC characteristic tables that follow are derived from tests performed under the measurement conditions summarized in the relevant tables. Designers should check that the operating conditions in their circuit match the measurement conditions when relying on the quoted parameters. Table 6. Operating conditions (M24Cxx-W) Symbol Parameter Min. Max. Unit VCC Supply voltage 2.5 5.5 V Ambient operating temperature (device grade 6) –40 85 °C Ambient operating temperature (device grade 3) –40 125 °C Table 7. Operating conditions (M24Cxx-R) Symbol Parameter Min. Max. Unit VCC Supply voltage 1.8 5.5 V Ambient operating temperature –40 85 °C Table 8. Operating conditions (M24Cxx-F) Symbol Parameter Min. Max. Unit VCC Supply voltage 1.7 5.5 V Ambient operating temperature –20 85 °C |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |