| Electronic Components Datasheet Search |
|
M24C01-R Datasheet(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C01-R Datasheet(HTML) 27 Page - STMicroelectronics |
|
27 / 38 page ![]() M24C16, M24C08, M24C04, M24C02, M24C01 Package mechanical data Doc ID 5067 Rev 17 27/38 7 Package mechanical data In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Figure 13. WLCSP (0.5 mm) and Thin WLCSP (0.3 mm) 0.4 mm pitch 5 bumps, package outline 1. Drawing is not to scale. Table 17. M24C08: WLCSP (0.5 mm height) 0.4 mm pitch, 5 bumps, package data Symbol millimeters inches(1) 1. Values in inches are converted from mm and rounded to 4 decimal digits. Typ Min Max Typ Min Max A 0.545 0.495 0.595 0.0215 0.0195 0.0234 A1 0.190 0.165 0.215 0.0075 0.0065 0.0085 A2 0.355 0.330 0.380 0.0140 0.0130 0.0150 b 0.270 0.240 0.300 0.0106 0.0094 0.0118 D 1.215 1.195 1.235 0.0478 0.0470 0.0486 E 1.025 1.005 1.045 0.0404 0.0396 0.0411 e 0.400 - - 0.0157 - - e1 0.693 - - 0.0273 - - e2 0.346 - - 0.0136 - - F 0.313 - - 0.0123 - - G 0.261 - - 0.0103 - - N(2) 2. N is the total number of terminals. 55 Orientation reference E A B C D e1 e2 e F G A A2 A1 SEATING PLANE 12 3 1Ca_ME b |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |