Electronic Components Datasheet Search
  English  ▼

X  

STM32F303VCT6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F303VCT6
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VCT6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F303VCT6 Datasheet HTML 6Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 7Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 8Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 9Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 10Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 11Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 12Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 13Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 132 page
background image
Description
STM32F302xx/STM32F303xx
10/132
DocID023353 Rev 6
Table 2. STM32F302xx/STM32F303xx family device features and peripheral counts
Peripheral
STM32F
302Cx
STM32F
302Rx
STM32F
302Vx
STM32F
303Cx
STM32F
303Rx
STM32F
303Vx
Flash (Kbytes)
128
256
128
256
128
256
128
256
128
256
128
256
SRAM (Kbytes) on
data bus
24
32
24
32
24
32
32
40
32
40
32
40
CCM (Core Coupled
Memory) RAM
(Kbytes)
n/a
8
Timers
Advanced
control
1 (16-bit)
2 (16-bit)
General
purpose
5 (16-bit)
1 (32-bit)
Basic
1 (16-bit)
2 (16-bit)
Comm.
interfaces
SPI(I2S)(1)
33(2)
I2C2
USART
3
UART
0
2
0
2
CAN
1
USB
1
GPIOs
Normal
I/Os
(TC, TTa)
20
27
45
20
27
45
5 volts
Tolerant
I/Os
(FT, FTf)
17
25
42
17
25
42
DMA channels
12
Capacitive sensing
channels
17
18
24
17
18
24
12-bit ADCs
2
4
12-bit DAC channels
1
2
Analog comparator
4
7
Operational amplifiers
2
4
CPU frequency
72 MHz
Operating voltage
2.0 to 3.6 V
Operating
temperature
Ambient operating temperature: - 40 to 85 °C / - 40 to 105 °C
Junction temperature: - 40 to 125 °C
Packages
LQFP48
LQFP64
LQFP100
LQFP48
LQFP64
LQFP100
1. In STM32F303xB/STM32F303xC devices the SPI interfaces can work in an exclusive way in either the SPI mode or the I2S
audio mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com