Electronic Components Datasheet Search
  English  ▼

X  

STW6N95K5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STW6N95K5
Description  N-channel 950 V, 1 Ω typ., 9 A Zener-protected SuperMESH™5 Power MOSFET in DPAK, TO-220FP, TO-220, TO-247 and IPAK
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW6N95K5 Datasheet(HTML) 3 Page - STMicroelectronics

  STW6N95K5 Datasheet HTML 1Page - STMicroelectronics STW6N95K5 Datasheet HTML 2Page - STMicroelectronics STW6N95K5 Datasheet HTML 3Page - STMicroelectronics STW6N95K5 Datasheet HTML 4Page - STMicroelectronics STW6N95K5 Datasheet HTML 5Page - STMicroelectronics STW6N95K5 Datasheet HTML 6Page - STMicroelectronics STW6N95K5 Datasheet HTML 7Page - STMicroelectronics STW6N95K5 Datasheet HTML 8Page - STMicroelectronics STW6N95K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
STD6N95K5, STF6N95K5, STP6N95K5, STW6N95K5, STU6N95K5
Electrical ratings
Doc ID 16958 Rev 3
3/23
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220, DPAK
TO-247, IPAK
TO-220FP
VGS
Gate- source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
9
9 (1)
1.
Limited by package.
A
ID
Drain current (continuous) at TC = 100 °C
6
6 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
36
36 (1)
A
PTOT
Total dissipation at TC = 25 °C
90
25
W
IAR
(3)
3.
Pulse width limited by TJmax.
Max current during repetitive or single
pulse avalanche
3A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID=IAS, VDD= 50 V)
90
mJ
VISO
Insulation withstand voltage (RMS) from
all three leads to external heat sink
(t=1 s;TC=25 °C)
2500
V
dv/dt (4)
4.
ISD ≤ 9 A, di/dt ≤ 100 A/µs, VPeak ≤V(BR)DSS
Peak diode recovery voltage slope
4.5
V/ns
Tj
Tstg
Operating junction temperature
Storage temperature
- 55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
TO-220
IPAK
DPAK
TO-247 TO-220FP
Rthj-case
Thermal resistance junction-case
max
1.39
5
°C/W
Rthj-amb
Thermal resistance junction-amb
max
62.5
50
62.5
°C/W
Rthj-pcb (1)
1.
When mounted on 1inch² FR-4 board, 2 oz Cu
Thermal resistance junction-pcb
max
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com