Electronic Components Datasheet Search
  English  ▼

X  

STW57N65M5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STW57N65M5
Description  N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™V Power MOSFET in I²PAK, TO-220, TO-220FP and D²PAK packages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW57N65M5 Datasheet(HTML) 3 Page - STMicroelectronics

  STW57N65M5 Datasheet HTML 1Page - STMicroelectronics STW57N65M5 Datasheet HTML 2Page - STMicroelectronics STW57N65M5 Datasheet HTML 3Page - STMicroelectronics STW57N65M5 Datasheet HTML 4Page - STMicroelectronics STW57N65M5 Datasheet HTML 5Page - STMicroelectronics STW57N65M5 Datasheet HTML 6Page - STMicroelectronics STW57N65M5 Datasheet HTML 7Page - STMicroelectronics STW57N65M5 Datasheet HTML 8Page - STMicroelectronics STW57N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
STB57N65M5, STF57N65M5, STI57N65M5, STP57N65M5
Electrical ratings
Doc ID 022849 Rev 4
3/22
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220,
D²PAK, I²PAK
TO-220FP
VGS
Gate- source voltage
± 25
V
ID
Drain current (continuous) at TC = 25 °C
42
42 (1)
1.
Limited by maximum junction temperature.
A
ID
Drain current (continuous) at TC = 100 °C
26.5
26.5 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
168
168 (1)
A
PTOT
Total dissipation at TC = 25 °C
250
40
W
IAR
Max current during repetitive or single pulse
avalanche (pulse width limited by TJMAX)
11
A
EAS
Single pulse avalanche energy
(starting Tj = 25°C, ID = IAR, VDD = 50V)
960
mJ
dv/dt (3)
3.
ISD ≤ 42 A, di/dt ≤ 400 A/µs, VPeak < V(BR)DSS, VDD = 400 V
Peak diode recovery voltage slope
15
V/ns
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t = 1 s; TC = 25 °C)
2500
V
Tstg
Storage temperature
-55 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
D²PAK I²PAK
TO-220
TO-220FP
Rthj-case Thermal resistance junction-case max
0.50
3.1
°C/W
Rthj-amb Thermal resistance junction-ambient max
62.5
62.5
°C/W
Rthj-pcb
Thermal resistance junction-pcb max(1)
1.
When mounted on 1inch² FR-4 board, 2 oz Cu.
30
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com