Electronic Components Datasheet Search
  English  ▼

X  

502MLF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 502MLF
Description  LOCO??PLL CLOCK MULTIPLIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

502MLF Datasheet(HTML) 1 Page - Integrated Device Technology

  502MLF Datasheet HTML 1Page - Integrated Device Technology 502MLF Datasheet HTML 2Page - Integrated Device Technology 502MLF Datasheet HTML 3Page - Integrated Device Technology 502MLF Datasheet HTML 4Page - Integrated Device Technology 502MLF Datasheet HTML 5Page - Integrated Device Technology 502MLF Datasheet HTML 6Page - Integrated Device Technology 502MLF Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATASHEET
LOCO™ PLL CLOCK MULTIPLIER
ICS502
IDT™ / ICS™ LOCO™ PLL CLOCK MULTIPLIER
1
ICS502
REV M 051310
Description
The ICS502 LOCOTM is the most cost effective way to
generate a high-quality, high-frequency clock output and a
reference from a lower frequency crystal or clock input. The
name LOCO stands for Low Cost Oscillator, as it is
designed to replace crystal oscillators in most electronic
systems. Using Phase-Locked Loop (PLL) techniques, the
device uses a standard fundamental mode, inexpensive
crystal to produce output clocks up to 160 MHz.
Stored in the chip’s ROM is the ability to generate six
different multiplication factors, allowing one chip to output
many common frequencies (see table on page 2).
This product is intended for clock generation. It has low
output jitter (variation in the output period), but input to
output skew and jitter are not defined or guaranteed. For
applications which require defined input to output skew, use
the ICS570B.
Features
• Packaged as 8-pin SOIC or die
• Pb (lead) free package
• IDT’s lowest cost PLL clock
• Zero ppm multiplication error
• Easy to cascade with ICS5xx series
• Input crystal frequency of 5 – 27 MHz
• Input clock frequency of 2 – 50 MHz
• Output clock frequencies up to 190 MHz
• Low jitter – 50 ps one sigma
• Compatible with all popular CPUs
• Duty cycle of 45/55 up to 160 MHz
• Operating voltages of 3.0 to 5.5 V
• 25 mA drive capability at TTL levels
• Industrial temperature version available
• Advanced, low-power CMOS process
Block Diagram
PLL Clock
M ultiplier
Circuitry and
ROM
Crystal or
Clock input
VDD
Crystal
O Scillator
S1, S0
X1/ICLK
X2
2
CLK
REF
GND


Similar Part No. - 502MLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
502MLF ETC2-502MLF Datasheet
182Kb / 7P
Packaged as 8-pin SOIC or die
logo
Integrated Device Techn...
502MLF IDT-502MLF Datasheet
120Kb / 7P
LOCO PLL CLOCK MULTIPLIER
logo
List of Unclassifed Man...
502MLFT ETC2-502MLFT Datasheet
182Kb / 7P
Packaged as 8-pin SOIC or die
logo
Integrated Device Techn...
502MLFT IDT-502MLFT Datasheet
120Kb / 7P
LOCO PLL CLOCK MULTIPLIER
More results

Similar Description - 502MLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS511 ICST-ICS511 Datasheet
48Kb / 4P
LOCO??PLL Clock Multiplier
Revision 102504
ICS501B ICST-ICS501B Datasheet
113Kb / 6P
LOCO PLL CLOCK MULTIPLIER
Revision 120704
logo
Integrated Device Techn...
ICS501B IDT-ICS501B Datasheet
169Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
ICS501B IDT-ICS501B_10 Datasheet
180Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
501MILF IDT-501MILF Datasheet
101Kb / 9P
LOCO??PLL CLOCK MULTIPLIER
511MLF IDT-511MLF Datasheet
228Kb / 11P
LOCO??PLL CLOCK MULTIPLIER
512MILFT IDT-512MILFT Datasheet
186Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
501MLF IDT-501MLF Datasheet
101Kb / 9P
LOCO??PLL CLOCK MULTIPLIER
ICS501MILFT IDT-ICS501MILFT Datasheet
101Kb / 9P
LOCO PLL CLOCK MULTIPLIER
ICS511 IDT-ICS511 Datasheet
150Kb / 11P
LOCO PLL CLOCK MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com