Electronic Components Datasheet Search
  English  ▼

X  

PE4826 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4826
Description  D-Sub Plug Right Angle Contact Crimp/ Solder Attachment For RG178, RG196
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4826 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4826 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4826 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
D-Sub Plug Right Angle Contact Crimp/Solder Attachment For RG178, RG196
Configuration
Connector
D-Sub Plug
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.735 [18.67]
Height, in [mm]
0.605 [15.37]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
D-Sub Plug
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
D-Sub Plug Right Angle Contact Crimp/Solder Attachment For RG178, RG196 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: D-Sub Plug Right Angle Contact Crimp/Solder Attachment For RG178, RG196 PE4826
URL: http://www.pasternack.com/d-sub-plug-standard-rg178-rg196-connector-pe4826-p.aspx
PE4826
PE4826 REV 01
D-Sub Plug Right Angle Contact Crimp/
Solder Attachment For RG178, RG196


Similar Part No. - PE4826

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4820 PASTERNACK-PE4820 Datasheet
93Kb / 1P
D SUBMINIA TURE RECEPTACLE RIGHT ANGLE SOLDER ATTACHMENT FOR RG58 RG141 RG303
logo
Beijing Yaohuadechang E...
PE4820-I YHDC-PE4820-I Datasheet
6Mb / 1P
PE series PCB safety isolation transformer
PE4820-M YHDC-PE4820-M Datasheet
629Kb / 1P
PE series PCB safety isolation transformer
PE4820R-M YHDC-PE4820R-M Datasheet
4Mb / 1P
PE series PCB safety isolation transformer
logo
Pasternack Enterprises,...
PE4821 PASTERNACK-PE4821 Datasheet
250Kb / 2P
D-Sub Receptacle Right Angle Contact Solder Attachment For RG174, RG316, RG187, RG188
More results

Similar Description - PE4826

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4554 PASTERNACK-PE4554 Datasheet
286Kb / 3P
MCX Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4822 PASTERNACK-PE4822 Datasheet
249Kb / 2P
D-Sub Receptacle Right Angle Contact Solder Attachment For RG178, RG196
PE4830 PASTERNACK-PE4830 Datasheet
247Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment For RG178, RG196
PE4814 PASTERNACK-PE4814 Datasheet
93Kb / 1P
D-Subminature PLUG RIGHT ANGLE SOLDER ATTACHMENT FOR RG178& RG196
PE4159 PASTERNACK-PE4159 Datasheet
282Kb / 2P
SMB Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4160 PASTERNACK-PE4160 Datasheet
282Kb / 2P
SMC Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4802 PASTERNACK-PE4802 Datasheet
204Kb / 2P
D-Sub Receptacle Contact Crimp/Solder Attachment For RG178, RG196
PE4818 PASTERNACK-PE4818 Datasheet
204Kb / 2P
D-Sub Receptacle Right Angle Contact Crimp Solder Attachment For RG178, RG196
PE4810 PASTERNACK-PE4810 Datasheet
203Kb / 2P
D-Sub Plug Contact Crimp-Solder Attachment For RG178, RG196
PE45381 PASTERNACK-PE45381 Datasheet
379Kb / 5P
SSMC Plug Right Angle Connector Crimp Solder Attachment for RG178, RG196
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com