Electronic Components Datasheet Search
  English  ▼

X  

PE4832 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4832
Description  D-Sub Receptacle Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4832 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4832 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4832 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
D-Sub Receptacle Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
Configuration
Connector
D-Sub Receptacle
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.67 [17.02]
Width/Dia., in [mm]
0.224 [5.69]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
D-Sub Receptacle
Contact Material and Plating
Gold
Outer Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
D-Sub Receptacle Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: D-Sub Receptacle Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
PE4832
URL: http://www.pasternack.com/d-sub-receptacle-standard-thru-hole-pcb-connector-pe4832-p.aspx
PE4832
PE4832 REV 01
D-Sub Receptacle Contact Solder Attachment Thru
Hole PCB, .200 inch x .046 inch Hole Spacing


Similar Part No. - PE4832

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4830 PASTERNACK-PE4830 Datasheet
247Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment For RG178, RG196
PE4831 PASTERNACK-PE4831 Datasheet
247Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment For RG180, RG195
PE4833 PASTERNACK-PE4833 Datasheet
214Kb / 3P
D-Sub Plug Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
PE4834 PASTERNACK-PE4834 Datasheet
241Kb / 3P
D-Sub Receptacle Right Angle Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
PE4835 PASTERNACK-PE4835 Datasheet
236Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
More results

Similar Description - PE4832

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44307 PASTERNACK-PE44307 Datasheet
252Kb / 3P
MCX Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .055 inch Hole Spacing
PE44391 PASTERNACK-PE44391 Datasheet
293Kb / 3P
SSMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44303 PASTERNACK-PE44303 Datasheet
202Kb / 2P
MCX Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4117 PASTERNACK-PE4117 Datasheet
252Kb / 2P
SMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4833 PASTERNACK-PE4833 Datasheet
214Kb / 3P
D-Sub Plug Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
PE4834 PASTERNACK-PE4834 Datasheet
241Kb / 3P
D-Sub Receptacle Right Angle Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
PE4835 PASTERNACK-PE4835 Datasheet
236Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
PE4525 PASTERNACK-PE4525 Datasheet
219Kb / 3P
SMA Male Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4117 PASTERNACK-PE4117_16 Datasheet
342Kb / 3P
SMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4366 PASTERNACK-PE4366_16 Datasheet
345Kb / 3P
SMB Plug Connector Solder Attachment Thru Hole PCB .200 inch x .067 inch Hole Spacing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com