Electronic Components Datasheet Search
  English  ▼

X  

PE4853 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4853
Description  RP SMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4853 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4853 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4853 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP SMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
Configuration
Connector
SMA Female Reverse Polarity
Connector Interface Type
PE-SR405AL,PE-SR405FL,RG405
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.503 [12.78]
Width/Dia., in [mm]
0.25 [6.35]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMA Female Reverse Polarity
Contact Material and Plating
Gold
Body Material and Plating
Stainless Steel, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP SMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405 from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP SMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405 PE4853
URL:
http://www.pasternack.com/sma-female-reverse-polarity-pe-sr405al-pe-sr405fl-rg405-connector-pe4853-p.aspx
PE4853
PE4853 REV 01
RP SMA Female Connector Solder Attachment
For PE-SR405AL, PE-SR405FL, RG405


Similar Part No. - PE4853

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4850 PASTERNACK-PE4850 Datasheet
277Kb / 2P
RP SMA Female Connector Clamp/Solder Attachment For RG178, RG196
PE4851 PASTERNACK-PE4851 Datasheet
101Kb / 1P
REVERSE POLARITY SMA FEMALE SOLDER ATTACHMENT FOR RG178 & RG196
PE4852 PASTERNACK-PE4852 Datasheet
264Kb / 2P
RP SMA Female Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4854 PASTERNACK-PE4854 Datasheet
229Kb / 3P
RP SMA Female Bulkhead Connector Clamp/ Solder Attachment For RG58, RG55, RG141,RG142, RG223, RG400, .235 inch D Hole
PE4855 PASTERNACK-PE4855 Datasheet
219Kb / 2P
RP SMA Female Bulkhead Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400, .235 inch D Hole
More results

Similar Description - PE4853

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4791 PASTERNACK-PE4791 Datasheet
258Kb / 2P
RP SMA Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4865 PASTERNACK-PE4865 Datasheet
259Kb / 2P
RP SMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
PE4005 PASTERNACK-PE4005 Datasheet
273Kb / 3P
SMA Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4653 PASTERNACK-PE4653 Datasheet
321Kb / 3P
N Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44387 PASTERNACK-PE44387 Datasheet
225Kb / 3P
SSMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4116 PASTERNACK-PE4116 Datasheet
213Kb / 2P
SMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4779 PASTERNACK-PE4779 Datasheet
208Kb / 2P
RP SMA Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44694 PASTERNACK-PE44694 Datasheet
871Kb / 2P
SMA Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44696 PASTERNACK-PE44696 Datasheet
910Kb / 3P
SMA Female Bulkhead Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE4673 PASTERNACK-PE4673 Datasheet
310Kb / 3P
RP TNC Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com