Electronic Components Datasheet Search
  English  ▼

X  

MC68HC Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # MC68HC
Description  Power Saving STOP and WAIT Modes
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MC68HC Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 48Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 49Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 50Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 51Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 52Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 53Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 54Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 124 page
background image
RESETS AND INTERRUPTS
TECHNICAL DATA
5-7
The maskable interrupt sources have the following priority arrangement:
1. IRQ
2. Real-time interrupt
3. Timer input capture 1
4. Timer input capture 2
5. Timer input capture 3
6. Timer output compare 1
7. Timer output compare 2
8. Timer output compare 3
9. Timer output compare 4
10. Timer input capture 4/output compare 5
11. Timer overflow
12. Pulse accumulator overflow
13. Pulse accumulator input edge
14. SPI transfer complete
15. SCI system
Any one of these interrupts can be assigned the highest maskable interrupt priority by
writing the appropriate value to the PSEL bits in the HPRIO register. Otherwise, the
priority arrangement remains the same. An interrupt that is assigned highest priority is
still subject to global masking by the I bit in the CCR, or by any associated local bits.
Interrupt vectors are not affected by priority assignment. To avoid race conditions,
HPRIO can be written only while I-bit interrupts are inhibited.
5.3.1 Highest Priority Interrupt and Miscellaneous Register
The values of the RBOOT, SMOD, IRVNE, and MDA reset bits depend on the mode
during initialization. Refer to Table 5-3.
RBOOT — Read Bootstrap ROM
Has meaning only when the SMOD bit is a one (special bootstrap mode or special test
mode). At all other times this bit is clear and cannot be written. Refer to SECTION 4
OPERATING MODES AND ON-CHIP MEMORY for more information.
SMOD — Special Mode Select
This bit reflects the inverse of the MODB input pin at the rising edge of reset. Refer to
SECTION 4 OPERATING MODES AND ON-CHIP MEMORY for more information.
MDA — Mode Select A
The mode select A bit reflects the status of the MODA input pin at the rising edge of
reset. Refer to SECTION 4 OPERATING MODES AND ON-CHIP MEMORY for more
information.
IRVNE — Internal Read Visibility Enable/Not E
HPRIO — Highest Priority I-Bit Interrupt and Miscellaneous
$003C
Bit 7
654321
Bit 0
RBOOT
SMOD
MDA
IRVNE
PSEL3
PSEL2
PSEL1
PSEL0
RESET:
—
—
—
—
0101
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com