Electronic Components Datasheet Search
  English  ▼

X  

ACM2012 Datasheet(PDF) 1 Page - TDK Electronics

Part # ACM2012
Description  Common Mode Filters For high-speed differential signal line/general signal line
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACM2012 Datasheet(HTML) 1 Page - TDK Electronics

  ACM2012_11 Datasheet HTML 1Page - TDK Electronics ACM2012_11 Datasheet HTML 2Page - TDK Electronics ACM2012_11 Datasheet HTML 3Page - TDK Electronics ACM2012_11 Datasheet HTML 4Page - TDK Electronics ACM2012_11 Datasheet HTML 5Page - TDK Electronics ACM2012_11 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
• All specifications are subject to change without notice.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
Common Mode Filters
For high-speed differential signal line/general signal line
ACM series
Type:
Issue date:
ACM2012
[0805 inch]*
ACM2520
[1008 inch]
ACM3225
[1210 inch]
ACM4532
[1812 inch]
* Dimensions Code [EIA]
September 2011


Similar Part No. - ACM2012_11

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM2012-1000-2P-T03 TDK-ACM2012-1000-2P-T03 Datasheet
149Kb / 7P
For automobile ultra high-speed differential signal line
ACM2012-121-2P-T001 TDK-ACM2012-121-2P-T001 Datasheet
196Kb / 3P
Common Mode Filters For automobile signal line
ACM2012-121-2P-T002 TDK-ACM2012-121-2P-T002 Datasheet
128Kb / 11P
Common Mode Filters For high-speed differential signal line, general signal line ACM series
ACM2012 TDK-ACM2012_13 Datasheet
196Kb / 3P
Common Mode Filters For automobile signal line
ACM2012 TDK-ACM2012_18 Datasheet
155Kb / 7P
Common mode filters
More results

Similar Description - ACM2012_11

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TCM2010 TDK-TCM2010_07 Datasheet
37Kb / 2P
Common Mode Filters(SMD) For High-speed Differential Signal Line
ACM3225-800-2P-T001 TDK-ACM3225-800-2P-T001 Datasheet
90Kb / 4P
Common Mode Filters For high-speed differential signal line/general signal line
MCZ1210AH TDK-MCZ1210AH Datasheet
89Kb / 5P
Common Mode Filters For high-speed differential signal line
ACM2012-900-2P-T TDK-ACM2012-900-2P-T Datasheet
128Kb / 11P
Common Mode Filters For high-speed differential signal line, general signal line
TCM1210G-301-2P-T200 TDK-TCM1210G-301-2P-T200 Datasheet
48Kb / 2P
Common Mode Filters(SMD) For High-speed Differential Signal Line
ACM3225-102-2P-T TDK-ACM3225-102-2P-T Datasheet
128Kb / 11P
Common Mode Filters For high-speed differential signal line, general signal line ACM series
ACM2012E-102-2P-T00 TDK-ACM2012E-102-2P-T00 Datasheet
188Kb / 9P
Common Mode Filters For high-speed differential signal line, general signal line
ACM2520-102-2P-T002 TDK-ACM2520-102-2P-T002_16 Datasheet
125Kb / 9P
Common Mode Filters For high-speed differential signal line, general signal line
TCM0403M TDK-TCM0403M Datasheet
172Kb / 4P
Common mode filters High-speed differential signal line
TCM0605M TDK-TCM0605M Datasheet
181Kb / 4P
Common mode filters High-speed differential signal line
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com