Electronic Components Datasheet Search
  English  ▼

X  

MC68HC11F1CPU2 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MC68HC11F1CPU2
Description  Technical Data
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC11F1CPU2 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MC68HC11F1CPU2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC68HC11F1CPU2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC68HC11F1CPU2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC68HC11F1CPU2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC68HC11F1CPU2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC68HC11F1CPU2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC68HC11F1CPU2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC68HC11F1CPU2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC68HC11F1CPU2 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 158 page
background image
PIN DESCRIPTIONS
TECHNICAL DATA
2-7
2.11.1 Port A
Port A is an 8-bit general-purpose I/O port with a data register (PORTA) and a data
direction register (DDRA). Port A pins share functions with the 16-bit timer system.
PORTA can be read at any time. Inputs return the pin level; outputs return the pin driv-
er input level. If written, PORTA stores the data in internal latches. It drives the pins
only if they are configured as outputs. Writes to PORTA do not change the pin state
when the pins are configured for timer output compares.
Out of reset, port A pins [7:0] are general-purpose high-impedance inputs. When the
timer functions associated with these pins are disabled, the bits in DDRA govern the
I/O state of the associated pin. For further information, refer to SECTION 6 PARAL-
LEL INPUT/OUTPUT.
NOTE
When using the information about port functions, do not confuse pin
function with the electrical state of the pin at reset. All general-pur-
pose I/O pins configured as inputs at reset are in a high-impedance
state. Port data registers reflect the logic state of the port at reset.
The pin function is mode dependent.
Table 2-1 Port Signal Functions
Port/Bit
Single-Chip and
Bootstrap Mode
Expanded and
Special Test Mode
PA0
PA0/IC3
PA1
PA1/IC2
PA2
PA2/IC1
PA3
PA3/OC5/IC4/OC1
PA4
PA4/OC4/OC1
PA5
PA5/OC3/OC1
PA6
PA6/OC2/OC1
PA7
PA7/PAI/OC1
PB[7:0]
PB[7:0]
ADDR[15:8]
PC[7:0]
PC[7:0]
DATA[7:0]
PD0
PD0/RxD
PD1
PD1/TxD
PD2
PD2/MISO
PD3
PD3/MOSI
PD4
PD4/SCK
PD5
PD5/SS
PE[7:0]
PE[7:0]/AN[7:0]
PF[7:0]
PF[7:0]
ADDR[7:0]
PG0
PG0
PG1
PG1
PG2
PG2
PG3
PG3
PG4
PG4
PG4/CSIO2
PG5
PG5
PG5/CSIO1
PG6
PG6
PG6/CSGEN
PG7
PG7
PG7/CSPROG
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com