Electronic Components Datasheet Search
  English  ▼

X  

PE4892 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4892
Description  MCX Jack Connector Solder Attachment 0.062 inch End Launch PCB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4892 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4892 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4892 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
MCX Jack Connector Solder Attachment 0.062 inch End Launch PCB
Configuration
Connector
MCX Jack
Connector Interface Type
0.062 inch End Launch
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.336 [8.53]
Width/Dia., in [mm]
0.25 [6.35]
Height, in [mm]
0.25 [6.35]
.
Weight, lbs [g]
0.003 [1.36]
Connector
Type
MCX Jack
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
MCX Jack Connector Solder Attachment 0.062 inch End Launch PCB from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MCX Jack Connector Solder Attachment 0.062 inch End Launch PCB PE4892
URL:
http://www.pasternack.com/mcx-jack-standard-0.062-end-launch-connector-pe4892-p.aspx
PE4892
PE4892 REV
MCX Jack Connector Solder Attachment
0.062 inch End Launch PCB


Similar Part No. - PE4892

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4890 PASTERNACK-PE4890 Datasheet
222Kb / 3P
MCX Jack Right Angle Connector Solder Attachment Surface Mount PCB
PE4891 PASTERNACK-PE4891 Datasheet
460Kb / 3P
MCX Jack Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PE4893 PASTERNACK-PE4893 Datasheet
221Kb / 3P
MCX Jack Connector Solder Attachment 0.042 inch End Launch PCB
PE4894 PASTERNACK-PE4894 Datasheet
282Kb / 2P
MCX Jack Connector Solder Attachment 2 Hole Flange Pin Terminal, .328 inch Hole Spacing
PE4895 PASTERNACK-PE4895 Datasheet
219Kb / 3P
MCX Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing
More results

Similar Description - PE4892

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44130 PASTERNACK-PE44130 Datasheet
255Kb / 3P
SMC Jack Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE4874 PASTERNACK-PE4874 Datasheet
238Kb / 2P
RP SMA Female Connector Solder Attachment 0.062 inch End Launch PCB
PE44129 PASTERNACK-PE44129 Datasheet
285Kb / 2P
SMB Jack Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44131 PASTERNACK-PE44131 Datasheet
256Kb / 3P
75 Ohm Mini SMB Jack Connector Solder Attachment 0.062 inch End Launch PCB
PE4893 PASTERNACK-PE4893 Datasheet
221Kb / 3P
MCX Jack Connector Solder Attachment 0.042 inch End Launch PCB
PE44305 PASTERNACK-PE44305 Datasheet
752Kb / 2P
75 Ohm MCX Jack Connector Solder Attachment 0.068 inch End Launch PCB
PE44377 PASTERNACK-PE44377 Datasheet
227Kb / 3P
RP MCX Jack Bulkhead Connector Solder Attachment End Launch PCB, .177 inch D Hole
PE44661 PASTERNACK-PE44661 Datasheet
228Kb / 3P
MCX Jack Connector Solder Attachment End Launch PCB
PE44848 PASTERNACK-PE44848 Datasheet
235Kb / 2P
SMC Female Bulkhead Connector Solder Attachment 0.062 inch End Launch PCB
PE45211 PASTERNACK-PE45211 Datasheet
340Kb / 3P
75 Ohm MCX Jack Connector Solder Attachment .072 inch End Launch PCB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com