Electronic Components Datasheet Search
  English  ▼

X  

PE4893 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4893
Description  MCX Jack Connector Solder Attachment 0.042 inch End Launch PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4893 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4893 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4893 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4893 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
MCX Jack Connector Solder Attachment 0.042 inch End Launch PCB
Configuration
Connector
MCX Jack
Connector Specification
MIL-C-39012
Connector Interface Type
0.042 inch End Launch
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 6
Impedance, Ohms
50
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
1,000
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.336 [8.53]
Width/Dia., in [mm]
0.25 [6.35]
Height, in [mm]
0.25 [6.35]
.
Weight, lbs [g]
0.003 [1.36]
Connector
Type
MCX Jack
Mating Cycles
500
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MCX Jack Connector Solder Attachment 0.042 inch End Launch PCB PE4893
PE4893
PE4893 REV 01
MCX Jack Connector Solder Attachment
0.042 inch End Launch PCB


Similar Part No. - PE4893

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4890 PASTERNACK-PE4890 Datasheet
222Kb / 3P
MCX Jack Right Angle Connector Solder Attachment Surface Mount PCB
PE4891 PASTERNACK-PE4891 Datasheet
460Kb / 3P
MCX Jack Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PE4892 PASTERNACK-PE4892 Datasheet
242Kb / 2P
MCX Jack Connector Solder Attachment 0.062 inch End Launch PCB
PE4894 PASTERNACK-PE4894 Datasheet
282Kb / 2P
MCX Jack Connector Solder Attachment 2 Hole Flange Pin Terminal, .328 inch Hole Spacing
PE4895 PASTERNACK-PE4895 Datasheet
219Kb / 3P
MCX Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing
More results

Similar Description - PE4893

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44137 PASTERNACK-PE44137 Datasheet
259Kb / 2P
SMB Jack Connector Solder Attachment 0.042 inch End Launch PCB, .020 inch x .010 inch Contact
PE44138 PASTERNACK-PE44138 Datasheet
238Kb / 2P
SMC Jack Connector Solder Attachment 0.042 inch End Launch PCB, .020 inch x .010 inch Contact
PE44204 PASTERNACK-PE44204 Datasheet
223Kb / 3P
SMA Female Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
PE44132 PASTERNACK-PE44132 Datasheet
223Kb / 3P
SMB Jack Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
PE44133 PASTERNACK-PE44133 Datasheet
205Kb / 2P
SMC Jack Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
PE44134 PASTERNACK-PE44134 Datasheet
266Kb / 2P
75 Ohm Mini SMB Jack Connector Solder Attachment 0.042 inch End Launch PCB
PE4892 PASTERNACK-PE4892 Datasheet
242Kb / 2P
MCX Jack Connector Solder Attachment 0.062 inch End Launch PCB
PE44305 PASTERNACK-PE44305 Datasheet
752Kb / 2P
75 Ohm MCX Jack Connector Solder Attachment 0.068 inch End Launch PCB
PE44661 PASTERNACK-PE44661 Datasheet
228Kb / 3P
MCX Jack Connector Solder Attachment End Launch PCB
PE45211 PASTERNACK-PE45211 Datasheet
340Kb / 3P
75 Ohm MCX Jack Connector Solder Attachment .072 inch End Launch PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com