Electronic Components Datasheet Search
  English  ▼

X  

PE4909 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4909
Description  TNC Male Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4909 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4909 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4909 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4909 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
TNC Male Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
Configuration
Connector
TNC Male
Connector Specification
MIL-C-39012
Connector Interface Type
PE-SR401AL,PE-SR401FL,RG401
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.9 [22.86]
Width/Dia., in [mm]
0.59 [14.99]
.
Weight, lbs [g]
0.034 [15.42]
Connector
Type
TNC Male
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401 PE4909
PE4909
PE4909 REV 01
TNC Male Connector Solder Attachment For
PE-SR401AL, PE-SR401FL, RG401


Similar Part No. - PE4909

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4900 PASTERNACK-PE4900 Datasheet
216Kb / 2P
MMCX Plug Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4901 PASTERNACK-PE4901 Datasheet
241Kb / 2P
MMCX Jack Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4902 PASTERNACK-PE4902 Datasheet
220Kb / 3P
MMCX Jack Connector Crimp/Solder Attachment For RG178, RG196
PE4903 PASTERNACK-PE4903 Datasheet
226Kb / 3P
MMCX Jack Right Angle Connector Solder Attachment Thru Hole PCB, .100 inch x .031 inch Hole Spacing
PE4904 PASTERNACK-PE4904 Datasheet
228Kb / 3P
MMCX Jack Connector Solder Attachment Thru Hole PCB, .100 inch x .031 inch Hole Spacing
More results

Similar Description - PE4909

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4376 PASTERNACK-PE4376 Datasheet
285Kb / 3P
N Male Precision Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
PE4434 PASTERNACK-PE4434 Datasheet
121Kb / 1P
N MAELE SOLDER/CLAMP FOR RG401 PE-SR401AL & PE-SR401FL
PE4140 PASTERNACK-PE4140 Datasheet
286Kb / 2P
N Male Precision Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
PE4907 PASTERNACK-PE4907 Datasheet
213Kb / 2P
SMA Male Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
PE4380 PASTERNACK-PE4380 Datasheet
122Kb / 1P
BNC MALE CLAMP ATTACHMENT FOR RG401 PE-SR401AL & PE-SR401FL
PE44289 PASTERNACK-PE44289 Datasheet
116Kb / 1P
7/16 FEMALE, SOLDER/CLAMP ATTACHMENT FOR RG401, PE-SR401AL & PE-SR401FL
PE4908 PASTERNACK-PE4908 Datasheet
219Kb / 3P
BNC Male Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
PE4942 PASTERNACK-PE4942 Datasheet
104Kb / 1P
N FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG401 PE-SR401AL & PE-SR401FL
PE45150 PASTERNACK-PE45150 Datasheet
351Kb / 3P
Standard BNC Female Connector Solder Attachment for PE-SR401FL, PE-SR401AL, RG401-U
PE4930 PASTERNACK-PE4930 Datasheet
218Kb / 3P
SMA Female Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com