Electronic Components Datasheet Search
  English  ▼

X  

PE4911 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4911
Description  SMA Female Right Angle Connector Solder Attachment Hole Panel Solder Cup Terminal, .340 inch Hole Spacing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4911 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4911 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4911 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Female Right Angle Connector Solder
Attachment Surface Mount PCB
SMA Female Right Angle Connector Solder Attachment Surface Mount PCB
Configuration
Connector
SMA Female
Connector Specification
MIL-STD-348A
Connector Interface Type
Surface Mount
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.525 [13.34]
Width/Dia., in [mm]
0.25 [6]
Height, in [mm]
0.325 [8.26]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMA Female
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
50µ in. minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
30µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Female Right Angle Connector Solder Attachment Surface Mount PCB from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Right Angle Connector Solder Attachment Surface Mount PCB PE4911
URL: http://www.pasternack.com/sma-female-standard-surface-mount-pcb-connector-pe4911-p.aspx
PE4911
PE4911 REV


Similar Part No. - PE4911

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4910 PASTERNACK-PE4910 Datasheet
262Kb / 3P
SMA Female Connector Solder Attachment Surface Mount PCB
PE4912 PASTERNACK-PE4912 Datasheet
205Kb / 2P
SMA Male Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE4913 PASTERNACK-PE4913 Datasheet
215Kb / 2P
SMA Male Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact
PE4914 PASTERNACK-PE4914 Datasheet
245Kb / 2P
SMA Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62, RG71, .235 inch D Hole
PE4915 PASTERNACK-PE4915 Datasheet
96Kb / 1P
BNC FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL & PE-SR402FL
More results

Similar Description - PE4911

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4000 PASTERNACK-PE4000 Datasheet
252Kb / 2P
SMA Female Connector Solder Attachment 4 Hole Panel Solder Cup Terminal, .340 inch Hole Spacing
PE44236 PASTERNACK-PE44236 Datasheet
213Kb / 2P
SMA Female Right Angle Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PE4099 PASTERNACK-PE4099 Datasheet
252Kb / 2P
SMA Female Connector Solder Attachment 4 Hole Panel Stub Terminal, .340 inch Hole Spacing
PE4186 PASTERNACK-PE4186 Datasheet
228Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Tab Terminal, .340 inch Hole Spacing
PE4300 PASTERNACK-PE4300 Datasheet
221Kb / 3P
SMA Female Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole
PE4123 PASTERNACK-PE4123 Datasheet
253Kb / 2P
SMA Female Right Angle Connector Solder Attachment Hole Panel Solder Cup Terminal, .340 inch Hole Spacing
PE4124 PASTERNACK-PE4124 Datasheet
228Kb / 3P
SMA Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .340 inch Hole Spacing
PE44200 PASTERNACK-PE44200 Datasheet
220Kb / 3P
RT SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .340 inch Hole Spacing
PE4866 PASTERNACK-PE4866 Datasheet
218Kb / 3P
RP SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .340 inch Hole Spacing
PE45204 PASTERNACK-PE45204 Datasheet
329Kb / 3P
SMA Male Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, .340 inch Hole Spacing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com