Electronic Components Datasheet Search
  English  ▼

X  

TSL Datasheet(PDF) 2 Page - TDK Electronics

Part # TSL
Description  Inductors For Power Line Radial Televisions, VCRs, personal computers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TSL Datasheet(HTML) 2 Page - TDK Electronics

  TSL Datasheet HTML 1Page - TDK Electronics TSL Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• All specifications are subject to change without notice.
(2/2)
002-05 / 20050831 / e532_tsl0709.fm
Inductors
TSL Series TSL0709 Type
For Power Line
Radial
SHAPES AND DIMENSIONS
ELECTRICAL CHARACTERISTICS
∗1 Rated current: Value obtained when current flows and the temperature has risen to 25°C or when DC current flows and the initial value of inductance has
fallen by 20%, whichever is smaller.
∗2
: Please specify packaging style, S(Bulk) or RA(Taping).
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE CHANGE vs. DC SUPERPOSITION
CHARACTERISTICS
5+2, –1
ø0.65
±0.05
Weight: 1.1g
Dimensions in mm
Inductance
(µH)
Inductance
tolerance
Q min.
Test
frequency
L/Q (Hz)
Self-resonant
frequency
(MHz)min.
DC
resistance
(
Ω)max.
Rated current(A)∗1max.
Part No.
Based on inductance
change
Based on
temperature rise
1
±20%
10
1k/7.96M
70
0.006
6.6
5
TSL0709 ∗2-1R0M5R0-PF
1.5
±20%
10
1k/7.96M
56
0.008
5.4
4.3
TSL0709 -1R5M4R3-PF
2.2
±20%
10
1k/7.96M
45
0.011
4
3.7
TSL0709 -2R2M3R7-PF
3.3
±20%
10
1k/7.96M
36
0.018
3.6
2.9
TSL0709 -3R3M2R9-PF
4.7
±20%
10
1k/7.96M
29
0.022
3.1
2.6
TSL0709 -4R7M2R6-PF
6.8
±20%
10
1k/7.96M
24
0.028
2.5
2.3
TSL0709 -6R8M2R3-PF
10
±10%
20
1k/2.52M
19
0.043
2.1
1.9
TSL0709 -100K1R9-PF
15
±10%
20
1k/2.52M
15
0.056
1.7
1.6
TSL0709 -150K1R6-PF
22
±10%
20
1k/2.52M
12
0.086
1.4
1.3
TSL0709 -220K1R3-PF
33
±10%
20
1k/2.52M
9.4
0.14
1.1
1
TSL0709 -330K1R0-PF
47
±10%
20
1k/2.52M
7.6
0.17
0.96
0.94
TSL0709 -470KR94-PF
68
±10%
20
1k/2.52M
6.2
0.28
0.79
0.73
TSL0709 -680KR73-PF
100
±10%
20
1k/796k
5
0.33
0.66
0.67
TSL0709 -101KR66-PF
150
±10%
20
1k/796k
4
0.56
0.53
0.52
TSL0709 -151KR52-PF
220
±10%
20
1k/796k
3.2
0.72
0.44
0.46
TSL0709 -221KR44-PF
330
±10%
20
1k/796k
2.5
1.1
0.36
0.37
TSL0709 -331KR36-PF
470
±10%
20
1k/796k
2
1.7
0.3
0.3
TSL0709 -471KR30-PF
680
±10%
20
1k/796k
1.7
2.3
0.25
0.26
TSL0709 -681KR25-PF
1000
±10%
70
1k/252k
1.3
4.3
0.2
0.19
TSL0709 -102KR19-PF
1500
±10%
50
1k/252k
1.3
5
0.17
0.16
TSL0709 -152KR16-PF
DC current(A)
0.01
0.1
3
1
0.3
100
1000
300
30
10
10000
3000
0.1
0.3
0.03
3
110
1000
µH
330
µH
100
µH
33
µH
10
µH
3.3
µH
1
µH
A
L=0.1H C=20000µF
Test circuit
DC
Specimen
YHP model-4275A
or equivalent



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com