Electronic Components Datasheet Search
  English  ▼

X  

PE4932 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4932
Description  N Female Bulkhead Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393, .640 inch DD Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4932 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4932 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4932 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Male Right Angle Connector Solder Attachment
For PE-SR401AL, PE-SR401FL, RG401
SMA Male Right Angle Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
Configuration
Connector
SMA Male
Connector Interface Type
PE-SR401AL,PE-SR401FL,RG401
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.73 [18.54]
Width/Dia., in [mm]
0.378 [10]
Height, in [mm]
0.71 [18.03]
.
Weight, lbs [g]
0.02 [9.07]
Connector
Type
SMA Male
Contact Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Gold
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Male Right Angle Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401 from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
PE4932
URL:
http://www.pasternack.com/sma-male-standard-pe-sr401al-pe-sr401fl-rg401-connector-pe4932-p.aspx
PE4932
PE4932 REV


Similar Part No. - PE4932

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4930 PASTERNACK-PE4930 Datasheet
218Kb / 3P
SMA Female Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
PE4931 PASTERNACK-PE4931 Datasheet
253Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401, .235 inch D Hole
PE4933 PASTERNACK-PE4933 Datasheet
305Kb / 3P
MHV Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4934 PASTERNACK-PE4934 Datasheet
315Kb / 3P
RF Connectors Technical Data Sheet
PE4935 PASTERNACK-PE4935 Datasheet
102Kb / 1P
N MALE RIGHT ANGLE SOLDER/CLAMP ATTCHMENT FOR RG401 PE-SR401AL & PE-SR401FL
More results

Similar Description - PE4932

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4474 PASTERNACK-PE4474 Datasheet
263Kb / 2P
HN Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4048 PASTERNACK-PE4048 Datasheet
266Kb / 3P
N Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4575 PASTERNACK-PE4575 Datasheet
263Kb / 2P
7/16 DIN Female Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4223 PASTERNACK-PE4223 Datasheet
316Kb / 2P
N Female Bulkhead Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9,RG11, RG225, RG393, .640 inch DD Hole
PE4375 PASTERNACK-PE4375 Datasheet
247Kb / 2P
C Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4351 PASTERNACK-PE4351 Datasheet
261Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4352 PASTERNACK-PE4352 Datasheet
220Kb / 2P
GR874 Sexless Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4941 PASTERNACK-PE4941 Datasheet
266Kb / 2P
N Female Bulkhead Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393, .640 inch DD Hole
PE44066 PASTERNACK-PE44066 Datasheet
216Kb / 3P
N Female Connector Crimp-Solder Attachment 4 Hole Flange For RG214, RG9, RG225, RG393, .718 inch Hole Spacing
PE44477 PASTERNACK-PE44477 Datasheet
204Kb / 2P
RP N Female Connector Crimp-Solder Attachment For RG214, RG9, RG225, RG393
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com