Electronic Components Datasheet Search
  English  ▼

X  

MLF2012DR15KT Datasheet(PDF) 2 Page - TDK Electronics

Part # MLF2012DR15KT
Description  Inductors for Standard Circuits Multilayer/STD magnetic shielded MLF series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLF2012DR15KT Datasheet(HTML) 2 Page - TDK Electronics

  MLF2012DR15KT Datasheet HTML 1Page - TDK Electronics MLF2012DR15KT Datasheet HTML 2Page - TDK Electronics MLF2012DR15KT Datasheet HTML 3Page - TDK Electronics MLF2012DR15KT Datasheet HTML 4Page - TDK Electronics MLF2012DR15KT Datasheet HTML 5Page - TDK Electronics MLF2012DR15KT Datasheet HTML 6Page - TDK Electronics MLF2012DR15KT Datasheet HTML 7Page - TDK Electronics MLF2012DR15KT Datasheet HTML 8Page - TDK Electronics MLF2012DR15KT Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
• All specifications are subject to change without notice.
(1/9)
001-05 / 20111129 / e511_mlf_02
Inductors for Standard Circuits
Multilayer/STD • Magnetic Shielded
MLF Series MLF1005L
Various digital devices are required to be further downsized yet
remain highly functional, and to excel in low power consumption,
and parts mounted on the devices are also required to have lower
resistance.
The MLF1005L type is a new line of inductors that have been
developed to meet such requirements: their resistance has been
lowered by up to 35% in comparison with that of the existing
MLF1005 type.
In addition, the new inductors use similar magnetic shielding,
which enables their high-density mounting.
FEATURES
• The resistance of the MLF1005L type has been lowered by up to
35% in comparison with that of the existing MLF1005 type.
• Magnetically shielded configuration allowing for high-density
mounting.
• Does not contain lead and is compatible with lead-free
soldering.
• It is a product conforming to RoHS directive.
APPLICATIONS
Signal processing modules such as cellular phones and tuners
SPECIFICATIONS
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
×W
(3) Type name
(4) Inductance
(5) Tolerance
(6) Packaging style
(7) TDK internal code
PACKAGING STYLE AND QUANTITIES
HANDLING AND PRECAUTIONS
• Before soldering, be sure to preheat components.
The preheating temperature should be set so that the tempera-
ture difference between the solder temperature and product
temperature does not exceed 150°C.
• After mounting components onto the printed circuit board, do not
apply stress through board bending or mishandling.
• The inductance value may change due to magnetic saturation if
the current exceeds the rated maximum.
• Do not expose the inductors to stray magnetic fields.
• Avoid static electricity discharge during handling.
• When hand soldering, apply the soldering iron to the printed cir-
cuit board only. Temperature of the iron tip should not exceed
350°C. Soldering time should not exceed 3 seconds.
Conformity to RoHS Directive
Operating temperature range
–40 to +85°C
Storage temperature range
–40 to +85°C(After mount)
Natural
cooling
10s max.
Preheating
60 to 120s
Soldering
30 to 60s
230˚C
250 to 260˚C
180˚C
150˚C
Time(s)
MLF 1005
L
R10
K
T
(1)
(2)
(3)
(4)
(5) (6)
(7)
1005
1.0
×0.5×0.5
L
Low-resistance type
R10
0.1
µH
1R0
1.0
µH
K
±10%
T
Taping [reel]
Packaging style
Quantity
Taping
10000 pieces/reel
• Please contact our Sales office when your application is considered the following:
The device’s failure or malfunction may directly endanger human life (e.g. application for automobile/aircraft/medical/nuclear power devices, etc.)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com