Electronic Components Datasheet Search
  English  ▼

X  

FMBD4148 Datasheet(PDF) 1 Page - First Components International

Part # FMBD4148
Description  350mW Switching Diode Peak Repetitive Peak reverse voltage VRRM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FMBD4148 Datasheet(HTML) 1 Page - First Components International

  FMBD4148 Datasheet HTML 1Page - First Components International FMBD4148 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in mm
SOT-23
350mW
Data Sheet
Switching Diode
FMBD4148A/SE/CC/CA
MARKING:
FMBD4148A:5H
FMBD4148CA :D6
FMBD4148CC :KD5
FMBD4148SE :D4
Maximum Ratings @TA=25C
Parameter
Symbol
Limits
Unit
Peak Repetitive Peak reverse voltage
Working Peak Reverse Voltage
DC Blocking
Voltage
VRRM
VRWM
VR
100
V
Forward Continuous Current
IFM
200
mA
Power Dissipation
Pd
350
mW
Storage temperature
TSTG
-55-150
℃
Electrical Characteristics@TA=25
℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
V (BR)R1
100
V
IR=100µA
Reverse Breakdown Voltage
V (BR)R2
75
V
IR=5µA
Forward voltage
VF
1/1.25
V
IF=10mA /150mA
IR1
25
nA
VR=25V
Reverse current
IR2
5
uA
VR=75V
Diode Capacitance
CD
4
pF
VR=0V,f=1MHz
Reverse Recovery Time
trr
4
nS
IF=10mA,VR=6V
Irr=0.1XIR,RL=100Ω
Mechanical Dimensions
Description


Similar Part No. - FMBD4148

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMBD SCHURTER-FMBD Datasheet
968Kb / 6P
2-stage filter for 3-phase systems with neutral conductor
FMBD-B92A-0812 SCHURTER-FMBD-B92A-0812 Datasheet
968Kb / 6P
2-stage filter for 3-phase systems with neutral conductor
FMBD-B92A-1612 SCHURTER-FMBD-B92A-1612 Datasheet
968Kb / 6P
2-stage filter for 3-phase systems with neutral conductor
FMBD-B92A-2512 SCHURTER-FMBD-B92A-2512 Datasheet
968Kb / 6P
2-stage filter for 3-phase systems with neutral conductor
FMBD-B92B-3612 SCHURTER-FMBD-B92B-3612 Datasheet
968Kb / 6P
2-stage filter for 3-phase systems with neutral conductor
More results

Similar Description - FMBD4148

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N248B NJSEMI-1N248B Datasheet
129Kb / 1P
PEAK REPETITIVE REVERSE VOLTAGE DC BLOCKING VOLTAGE
2N6075 NJSEMI-2N6075 Datasheet
133Kb / 1P
REPETITIVE PEAK OFF-STATE VOLTAGE
2N6165 NJSEMI-2N6165 Datasheet
173Kb / 2P
REPETITIVE PEAK OFF-STATE VOLTAGE
logo
First Components Intern...
FTD182 FCI-FTD182 Datasheet
155Kb / 1P
DIODE TRIO DELCO TYPE Repetitive Peak Reverse Voltage VRRM 200
logo
Kingtronics Internation...
BAV99 KINGTRONICS-BAV99 Datasheet
414Kb / 2P
Repetitive Peak Reverse Voltage
logo
SemiHow Co.,Ltd.
HTS6A80AS SEMIHOW-HTS6A80AS Datasheet
309Kb / 4P
Repetitive Peak Off-State Voltage
MCK22-8 SEMIHOW-MCK22-8 Datasheet
379Kb / 4P
Repetitive Peak Off-State Voltage
logo
SEMTECH ELECTRONICS LTD...
MCR100-3 SEMTECH_ELEC-MCR100-3 Datasheet
283Kb / 2P
Peak Repetitive Forward and Reverse Blocking
logo
Infineon Technologies A...
D2650N INFINEON-D2650N Datasheet
246Kb / 8P
Periodische Spitzensperrspannung repetitive peak reverse voltages
2009-06-15 revision: 1
logo
Shanghai Leiditech Elec...
BTA16 LEIDITECH-BTA16 Datasheet
690Kb / 4P
Off-state repetitive peak voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com