Electronic Components Datasheet Search
  English  ▼

X  

FMBT4401 Datasheet(PDF) 1 Page - First Components International

Part # FMBT4401
Description  NPN Switching Transistor Collector - Emitter Voltage VCEO 40
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FMBT4401 Datasheet(HTML) 1 Page - First Components International

  FMBT4401 Datasheet HTML 1Page - First Components International FMBT4401 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V
CEO
40
V
V
CBO
60
V
V
EBO
6.0
V
I
C
600
mA
Total Device Dissipation FR-5 Board (Note1)
T
A = 25
o
C
Junction and Storage Temperature
Description
Data Sheet
NPN Switching Transistor
Ratings
Maximum Ratings
Collector - Emitter Voltage
Collector - Base Voltage
Emitter - Base Voltage
Collector Current (Continuous)
Symbol
Value
Units
P
D
350
mW
T
J, TSTG
-55 to 150
o
C
Mechanical Dimensions
.110
.060
.037
.037
.115
.016
.043
.004
.016
1
2
3
1
2
3
2
3
1
Electrical Characteristics @ 25oC
Characteristic
Symbol
Min
Max
Unit
Collector - Emitter Breakdown Voltage
(I
C = 1.0mA)
Collector - Base Breakdown Voltage
(I
C = 0.1mA)
Emitter - Base Breakdown Voltage
(I
E = 0.01mA)
Collector Cutoff Current
(V
CE = 35V, VEB = -0.4V)
DC Current Gain
(I
C = 0.1 mA, VCE = 1.0 V)
(I
C = 1.0 mA, VCE = 1.0 V)
(I
C = 10 mA, VCE = 1.0 V)
(I
C = 150 mA, VCE = 1.0 V)
(I
C = 500 mA, VCE = 2.0 V)
Collector - Emitter Saturation Voltage (Note 3)
(I
C = 150 mA, IB = 15 mA)
(I
C = 500 mA, IB = 50 mA)
Base - Emitter Saturation Voltage (Note 3)
(I
C = 150 mA, IB = 15 mA)
(I
C = 500 mA, IB = 50 mA)
Current - Gain - Bandwidth Product
(I
C = 20 mA, VCE = 10 V, f = 100 MHz)
Collector-Base Capacitance
(V
CB = 5 V, IE = 0, f = 1.0 MHz)
V
BR(CEO)
40
---
V
V
BR(CBO)
60
---
V
V
BR(EBO)
6.0
---
V
I
CEX
---
0.1
µA
H
FE
---
20
---
40
---
80
---
100
300
40
---
V
CE(sat)
Vdc
---
0.4
---
0.75
V
BE(sat)
Vdc
---
0.95
---
1.2
f
T
250
---
MHz
C
cb
---
6.5
pF


Similar Part No. - FMBT4401

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FMBT4401 FORMOSA-FMBT4401 Datasheet
168Kb / 10P
600mA Silicon NPN Epitaxial Planar Transistor
FMBT4401 FORMOSA-FMBT4401_17 Datasheet
168Kb / 10P
NPN Epitaxial Planar Transistor
More results

Similar Description - FMBT4401

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMBT1015 FCI-FMBT1015 Datasheet
70Kb / 2P
PNP Epitaxial Planar Transistor Collector - Emitter Voltage VCEO
FMBT1815 FCI-FMBT1815 Datasheet
69Kb / 2P
NPN Epitaxial Planar Transistor Collector - Emitter Voltage VCEO
FMBT3904 FCI-FMBT3904 Datasheet
529Kb / 2P
NPN General Purpose Transistor Collector - Emitter Voltage VCEO
FMBT3906 FCI-FMBT3906 Datasheet
61Kb / 2P
PNP General Purpose Transistor Collector - Emitter Voltage VCEO -40
FMBT4403 FCI-FMBT4403 Datasheet
73Kb / 2P
PNP Switching Transistor Collector - Emitter Voltage VCEO 40
logo
ON Semiconductor
BC817-16L ONSEMI-BC817-16L_11 Datasheet
186Kb / 10P
General Purpose Transistors NPN Silicon Collector ??Emitter Voltage VCEO 45
November, 2011 ??Rev. 11
logo
Inchange Semiconductor ...
2SA1441 ISC-2SA1441 Datasheet
121Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SB1284 ISC-2SB1284 Datasheet
188Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -100V(Min.)
BU120 ISC-BU120 Datasheet
190Kb / 2P
Collector-Emitter Sustaining Voltage-:VCEO(SUS) = 200V(Min)
BU508A-2 ISC-BU508A-2 Datasheet
534Kb / 3P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 900V (Min)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com