Electronic Components Datasheet Search
  English  ▼

X  

HT7L4091 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7L4091
Description  Universal Step-Down PWM Control For High Brightness LED Lighting Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4091 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7L4091_13 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7L4091_13 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7L4091_13 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7L4091_13 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7L4091_13 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7L4091_13 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7L4091_13 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7L4091_13 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7L4091_13 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Rev. 1.20
3
March 12, 2013
HT7L4091
Absolute Maximum Ratings
OutputCurrentPeak...............................................1A
StorageTemperatureRange............... -65°C~+150°C
JunctionTemperatureRange.............. -40°C~+150°C
CS,PDM,LD,RT,toGND..........-0.3Vto(VDD+0.3V)
PowerDissipationatTa<25°C.............................0.6W
ThermalResistance,SOP-8θJA..................... 150°C/W
ESDVoltageProtection,HumanBodyModel......6KV
ESDVoltageProtection,MachineModel............400V
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder“AbsoluteMaximumRatings”
maycausesubstantialdamagetothedevice.Functionaloperationofthisdeviceatotherconditionsbeyond
thoselistedinthespecificationisnotimpliedandprolongedexposuretoextremeconditionsmayaffect
devicereliability.
Recommended Operating Ranges
InputSupplyVoltage..................VUVLO(H)+0.1V~VCLAMP
OperatingTemperatureRange........... -40°C~+105°C
Note1:Absolutemaximumratingsindicatelimitsbeyondwhichdamagetothedevicemayoccur.Operating
Ratingsindicateconditionsforwhichthedeviceisintendedtobefunctional,butdonotguarantee
specificperformancelimits.Theguaranteedspecificationsapplyonlyforthetestconditionslisted.
Note2:ThepowersupplypinshouldnotbedrivenbyaDC,lowimpedancepowersourcegreaterthantheVCLAMP
voltagespecifiedintheElectricalCharacteristicssection.
Electrical Characteristics
(VIN=17V, Ta=25°C, unless otherwise specified)
Symbol
Description
Test Condition
Min.
Typ.
Max.
Unit
Input
VINDC
Input DC supply voltage
—
8.5
—
VClamp
V
IIN
Input Operation Current
VINDC≥17V, RT=410kW
GDR pin floating
—
0.6
1
mA
IINST
Startup Input current
VINDC<15V, RT=410kW
—
15
30
μA
VCLAMP
VIN Clamp Voltage
IIN=10mA
22.4
25
27.6
V
Internal Regulator
VDD
Internally regulated voltage
VINDC=12V~26V
4.5
5
5.5
V
ΔVDD, line
Line regulation of VDD
VINDC=12V~26V, IDD=0mA
0
—
100
mV
ΔVDD, load
Load regulation of VDD
VINDC=17V, IDD=0mA~3mA
0
—
100
mV
VUVLO(H)
VINDC under voltage lockout high threshold
VINDC rising for HT7L491
15
16
17
V
VINDC rising for HT7L491-1
7.5
8.0
8.5
V
VUVLO(L)
VINDC under voltage lockout low threshold
VINDC falling for HT7L491
9
10
11
V
VINDC falling for HT7L491-1
6.7
7.2
7.7
V
VEN(L)
Input low voltage for PDM pin
VINDC=12V~26V
—
—
0.8
V
VEN(H)
Input high voltage for PDM pin
VINDC=12V~26V
2.0
—
—
V
REN
PDM pin Pull-low resistor
—
50
100
150
kW
VCS(TH)
Current sense trip threshold voltage
—
0.24 0.248 0.255
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com