Electronic Components Datasheet Search
  English  ▼

X  

HT7L4091 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7L4091
Description  Universal Step-Down PWM Control For High Brightness LED Lighting Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4091 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7L4091 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Rev. 1.20
1
March 12, 2013
Rev. 1.00
PB
March 12, 2013
HT7L4091
Universal Step-Down PWM Control
For High Brightness LED Lighting Control
Features
• InputsupplyACvoltagerange:100V~240V
• Ultralowpower-onstart-upcurrent<30μA
• Integrated25VZenerdiodeinternallyconnectedto
VINpin
• 5VLDOoutputvoltagewith6mAdrivingcurrent
forexternalcomponents
• FrequencyjitterfunctionforenhancedEMI
performance
• Efficiency>85%
• UnderVoltageLockoutfunction–UVLO
• Currentmodeoperationwithcycle-by-cycle
currentlimiting
• Overtemperatureprotectionfunction
• High-currentFETdriveoutput
• LinearandPWMdimmingfunction
• Enhancedshortcircuitprotectionfunction
Applications
• AC/DCandDC/DCpowercontrolforhighpower
LEDlighting
• RGBbacklightingLEDdriver
• Flatpaneldisplaysbacklighting
• Generalpurposeconstantcurrentsource
• SignageanddecorativeLEDlighting
• Batterychargers
General Description
TheHT7L4091deviceprovidesalow-costsolution
for active current mode PWM controls of High
IntensityLEDdrivesystemssuppliedbyeitherACor
DClinepowerlines.Thedeviceoperatesinconstant
off-timemodewhichissuitableforbuckLEDdrivers.
Thelowstart-upandoperatingcurrentsprovides
flexiblepowerrequirementsforhighefficiencyorlow
costapplications.Theswitchfrequencyoff-timecan
beprogrammedusinganexternalresistor.Thepeak
currentmodecontrolachievesgoodoutputcurrent
regulationwithoutrequiringloopcompensationsfora
widerangeofinputvoltages.
IncludedinthedeviceisaPWMdimminginput
whichcanacceptanexternalcontrolsignalwitha
dutyratiofrom0to100%.Theoutputcurrentcan
beprogrammedfrom0to250mAbyapplyingan
externalcontrolvoltageonthelineardimmingcontrol
input.
Thedeviceincludesafrequencyjitterfunctionwhich
helpstoreduceEMIpowersupplyemissions.Also
containedisanenhancedLEDshortcircuitprotection
featuretoprotecttheinternalcircuitryfromdamage
shouldtheLEDsbeshortcircuited.
Thedevicerequiresaminimumnumberofexternal
standardcomponentsandisavailableinan8-pinSOP
packageforsmallareaPCBapplications.
Ordering Information
Part Number
Function Description
HT7L4091
Frequency jitter function enabled, VUVLO(H)=16V (typ.)
HT7L4091-1
Frequency jitter function disabled, VUVLO(L)=8V (typ.)


Similar Part No. - HT7L4091

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7L4091 HOLTEK-HT7L4091 Datasheet
1Mb / 26P
Universal Step-Down PWM Control For High Brightness LED Lighting Control
April 28, 2011
More results

Similar Description - HT7L4091

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1510 DIODES-AP1510_09 Datasheet
270Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 7
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
logo
Unisonic Technologies
P1886 UTC-P1886 Datasheet
201Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1986 UTC-P1986 Datasheet
196Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Holtek Semiconductor In...
HT7L4091 HOLTEK-HT7L4091 Datasheet
1Mb / 26P
Universal Step-Down PWM Control For High Brightness LED Lighting Control
April 28, 2011
logo
SG Micro Corp
SGM3122 SGMICRO-SGM3122 Datasheet
368Kb / 17P
PWM Brightness Control
logo
Taiwan Memory Technolog...
T8322AD TMT-T8322AD Datasheet
124Kb / 10P
PWM Control 1500mA Step-Down Converter
logo
Unisonic Technologies
P3586 UTC-P3586_17 Datasheet
332Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com