Electronic Components Datasheet Search
  English  ▼

X  

HT45F4M Datasheet(PDF) 120 Page - Holtek Semiconductor Inc

Part # HT45F4M
Description  Lithium Battery Backup Power ASSP MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4M Datasheet(HTML) 120 Page - Holtek Semiconductor Inc

Back Button HT45F4M Datasheet HTML 116Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 117Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 118Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 119Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 120Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 121Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 122Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 123Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 124Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 138 page
background image
Rev. 1.10
1�0
�an�a�� 1�� �01�
Rev. 1.10
1�1
�an�a�� 1�� �01�
HT45F4M
Lithium Battery Backup Power ASSP MCU
HT45F4M
Lithium Battery Backup Power ASSP MCU
Application Circuits
USB I/P
4.2V Battery
+
50 mΩ
AN
OCP
IO
VDD
OUTH
OUTL
50 mΩ
OVP
IO
IO
AN
IO
HT45F4M
IO
IO
IO
IO
VSS
USB O/P
IO
AN
DAPWR/VREF
RT1
50k/25 C
51k
TL431B
1k
105
104
105
VDD
t
IO
1N5819
2.5V
°
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com