Electronic Components Datasheet Search
  English  ▼

X  

HT45FH3T Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45FH3T
Description  3D Glasses 8-bit Flash Type MCU
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FH3T Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45FH3T Datasheet HTML 9Page - Holtek Semiconductor Inc HT45FH3T Datasheet HTML 10Page - Holtek Semiconductor Inc HT45FH3T Datasheet HTML 11Page - Holtek Semiconductor Inc HT45FH3T Datasheet HTML 12Page - Holtek Semiconductor Inc HT45FH3T Datasheet HTML 13Page - Holtek Semiconductor Inc HT45FH3T Datasheet HTML 14Page - Holtek Semiconductor Inc HT45FH3T Datasheet HTML 15Page - Holtek Semiconductor Inc HT45FH3T Datasheet HTML 16Page - Holtek Semiconductor Inc HT45FH3T Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 131 page
background image
Rev. 1.10
1�
�a� 1�� �01�
Rev. 1.10
1�
�a� 1�� �01�
HT45FH3T
3D Glasses 8-bit Flash Type MCU
HT45FH3T
3D Glasses 8-bit Flash Type MCU
LVD & LVR Electrical Characteristics
Ta=�5°C
Symbol Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VLVR
Low Voltage Reset Voltage
─ LVR Enable
-5%×T�p.
�.1
+5%×T�p.
V
VLVD1
Low Voltage Detector Voltage
─
LVDEN=1� VLVD=�.�V
-5%×
T�p.
�.�
+5%×
T�p.
V
VLVD�
LVDEN=1� VLVD=�.4V
�.4
V
VLVD�
LVDEN=1� VLVD=�.�V
�.�
V
VLVD4
LVDEN=1� VLVD=�.0V
�.0
V
VLVD5
LVDEN=1� VLVD=�.�V
�.�
V
VLVD6
LVDEN=1� VLVD=�.6V
�.6
V
VLVD�
LVDEN=1� VLVD=4.0V
4.0
V
ILVR
Low Voltage Reset Current
─ LVR Enable� LVDEN=0
─
�0
�0
μA
ILVD
Low Voltage Detector Current
─ LVR enable� LVDEN=1
─
�0
45
μA
tLVR
Low Voltage Width to Reset
─
─
1�0
�40
480
μs
tLVD
Low Voltage Width to Interrupt
─
─
�0
45
90
μs
tLVDS
LVDO stable time
─ For LVR enable, LVD off→on
15
─
─
μs
─ For LVR disable, LVD off→on
�00
─
─
μs
tSRESET
Software Reset Width to Reset
─
─
45
90
1�0
μs
Note:LVRisawaysenabled(HALTmodedisabled)fixed@2.1V.
LDO Regulator Characteristics
V5=�V� VIN=VOUT + 1.0V� IO=1mA, Ta=25°C, unless otherwise specified
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
ΔVOUT
Output Voltage Tolerance
— IO=10mA� Ta=�5°C
-�
—
�
%
ΔVLOAD
Load Regulation(Note 1)
— 1mA≤IO≤30mA, VIN=5V
—
0.09
0.18
%/mA
— 1mA≤IO≤12mA, VIN=4V
—
VDROP
Drop Out Voltage(Note �)
— IO=�mA� ΔVO=�%
—
—
��0
mV
— IO=5mA� ΔVO=�%
—
—
450
mV
ISS
Quienscent Current
— IO=0mA
—
�
4
μA
ΔVLINE
Line Regulation
— �.0V+VOUT≤VIN≤28V, IO=1mA
—
0.�
—
%/V
VIN
Input Voltage VCC
—
—
—
—
�8
V
ΔVOUT/ΔTa Temperature Coefficient
— IO=10mA� -40°C<Ta<85°C
—
±0.54
—
mV/°C
Note:1.Loadregulationismeasuredataconstantjunctiontemperature,usingpulsetestingwithalowON
timeandisguaranteeduptothemaximumpowerdissipation.Powerdissipationisdeterminedbythe
input/outputdifferentialvoltageandtheoutputcurrent.Guaranteedmaximumpowerdissipationwillnot
beavailableoverthefullinput/outputrange.Themaximumallowablepowerdissipationatanyambient
temperatureisPD=(TJ(MAX)-Ta)/θJA.
2.Dropoutvoltageisdefinedastheinputvoltageminustheoutputvoltagethatproducesa2%changeinthe
outputvoltagefromthevalueatVIN=VOUT+2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com