Electronic Components Datasheet Search
  English  ▼

X  

HT45FH4M Datasheet(PDF) 36 Page - Holtek Semiconductor Inc

Part # HT45FH4M
Description  Lithium Battery Backup Power ASSP MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FH4M Datasheet(HTML) 36 Page - Holtek Semiconductor Inc

Back Button HT45FH4M Datasheet HTML 32Page - Holtek Semiconductor Inc HT45FH4M Datasheet HTML 33Page - Holtek Semiconductor Inc HT45FH4M Datasheet HTML 34Page - Holtek Semiconductor Inc HT45FH4M Datasheet HTML 35Page - Holtek Semiconductor Inc HT45FH4M Datasheet HTML 36Page - Holtek Semiconductor Inc HT45FH4M Datasheet HTML 37Page - Holtek Semiconductor Inc HT45FH4M Datasheet HTML 38Page - Holtek Semiconductor Inc HT45FH4M Datasheet HTML 39Page - Holtek Semiconductor Inc HT45FH4M Datasheet HTML 40Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 138 page
background image
Rev. 1.10
�6
�an�a�� 1�� �01�
Rev. 1.10
�7
�an�a�� 1�� �01�
HT45FH4M
Lithium Battery Backup Power ASSP MCU
HT45FH4M
Lithium Battery Backup Power ASSP MCU
CTRL Register
Bit
7
6
5
4
3
2
1
0
Name
FSYSON
—
—
—
—
LVRF
LRF
WRF
R/W
R/W
—
—
—
—
R/W
R/W
R/W
POR
0
—
—
—
—
×
0
0
Bit7
FSYSON:fSYSControlinIDLEMode
0:disable
1:enable
Bit6~3
Unimplemented,readas0.
Bit2
LVRF:LVRfunctionresetflag
0:notoccur
1:occurred
Thisbitissetto1whenaspecificLowVoltageResetsituationconditionoccurs.This
bitcanonlybeclearedto0bytheapplicationprogram.
Bit1
LRF:LVRControlregistersoftwareresetflag
0:notoccur
1:occurred
Thisbitissetto1iftheLVRCregistercontainsanynondefinedLVRvoltageregister
values.Thisineffectactslikeasoftwareresetfunction.Thisbitcanonlybeclearedto
0bytheapplicationprogram.
Bit0
WRF:WDTControlregistersoftwareresetflag
0:notoccur
1:occurred
This bit is set to 1 b� the WDT Cont�ol �egiste� softwa�e �eset and clea�ed b� the
application p�og�am. Note that this bit can onl� be clea�ed to 0 b� the application
p�og�am.
NO RM AL
f SYS =f H ~f H /6 4
f H o n
CP U ru n
f SYS o n
f TB C o n
f SU B o n
ID LE 1
HA LT i ns tr uc ti on i s ex ec ut ed
CP U st op
ID LE N= 1
FS YS ON =1
f SYS o n
f TB C o n
f SU B o n
ID LE 0
HA LT i ns tr uc ti on i s ex ec ut ed
CP U st op
ID LE N= 1
FS YS ON =0
f SYS o ff
f TB C o n
f SU B o n
SL OW
f SYS =f L
f L o n
CP U ru n
f SYS o n
f TB C o n
f SU B o n
f H o ff
SL EE P
HA LT i ns tr uc ti on i s ex ec ut ed
f SYS o ff
CP U st op
ID LE N= 0
f TB C o ff
f SU B o n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com