Electronic Components Datasheet Search
  English  ▼

X  

LPC1000 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # LPC1000
Description  Learn embedded programming with NXP?셲 LPC1000 family of Cortex-M0/M3 microcontrollers!
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LPC1000 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button LPC1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers LPC1000 Datasheet HTML 5Page - List of Unclassifed Manufacturers LPC1000 Datasheet HTML 6Page - List of Unclassifed Manufacturers LPC1000 Datasheet HTML 7Page - List of Unclassifed Manufacturers LPC1000 Datasheet HTML 8Page - List of Unclassifed Manufacturers LPC1000 Datasheet HTML 9Page - List of Unclassifed Manufacturers LPC1000 Datasheet HTML 10Page - List of Unclassifed Manufacturers LPC1000 Datasheet HTML 11Page - List of Unclassifed Manufacturers LPC1000 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 153 page
background image
LPCXpresso Experiment Kit - User’s Guide
Page 8
Copyright 2013 © Embedded Artists AB
2 Introduction
Thank you for buying Embedded Artists’ LPCXpresso Experiment Kit designed to work with NXP’s
ARM Cortex-M0/M3 LPCXpresso target boards.
This document is a User’s Guide that describes the LPCXpresso Experiment Kit that describes
hardware as well as software related to the kit.
2.1
Features
The kit has been created as a guided tour to learn embedded programming with NXP’s LPC1000
microcontroller family with Cortex-M0/M3 cores from ARM. The experiments can be performed on a
breadboard for maximum flexibility and ease of use. It is also possible to solder the components to a
printed circuit board (pcb) and learn soldering at the same time.
Components included in the kit are:
 8x LEDs
 2x Trimming potentiometers
 7x push-buttons
 RGB-LED
 Light sensor (analog)
 Temperature sensor (analog)
 7-segment LED, dual digit
 E2PROM with SPI interface
 Temperature sensor with I2C interface (only for pcb mounting)
 Piezo buzzer
 Rotary quadrature encoder (only for pcb mounting)
 Shift register
 I2C ports expander (PCA9532, only for pcb mounting)
 USB Host connector (only for pcb mounting)
 USB Device connector (only for pcb mounting)
 RJ45 connector for Ethernet (only for pcb mounting)
 14-pos serial expansion connector, for interface to for example graphical displays
 3x servo connectors. Note that servos are not included.
 XBee™ compatible socket (for ZigBee and WiFi modules). Note that RF module is not
included.
 LPC1114 in DIL28 package, with 12MHz crystal and SWD connector (only for pcb mounting)
 Local +3.3V voltage regulator
 Miscellaneous resistors, capacitors, transistors and connectors
 Breadboard with cables
 Naked PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com