Electronic Components Datasheet Search
  English  ▼

X  

HT56R62 Datasheet(PDF) 86 Page - Holtek Semiconductor Inc

Part # HT56R62
Description  TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R62 Datasheet(HTML) 86 Page - Holtek Semiconductor Inc

Back Button HT56R62 Datasheet HTML 82Page - Holtek Semiconductor Inc HT56R62 Datasheet HTML 83Page - Holtek Semiconductor Inc HT56R62 Datasheet HTML 84Page - Holtek Semiconductor Inc HT56R62 Datasheet HTML 85Page - Holtek Semiconductor Inc HT56R62 Datasheet HTML 86Page - Holtek Semiconductor Inc HT56R62 Datasheet HTML 87Page - Holtek Semiconductor Inc HT56R62 Datasheet HTML 88Page - Holtek Semiconductor Inc HT56R62 Datasheet HTML 89Page - Holtek Semiconductor Inc HT56R62 Datasheet HTML 90Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 145 page
background image
Rev. 1.30
8�
�a��� �� �013
Rev. 1.30
87
�a��� �� �013
HT56R62/HT56R65
HT56R642/HT56R644/HT56R654/HT56R656
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62/HT56R65
HT56R642/HT56R644/HT56R654/HT56R656
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
SC K (C KP OL =1 )
SC K (C KP OL =0 )
SD O
SC S
SD I Da ta C apt ur e
D7 /D 0D 6/ D1
D5 /D 2D 4/ D3 D3 /D 4D 2/ D5
D1 /D 6D 0/ D7
Wr it e to S IM DR
(S DO n o t c hange unt il f ir s t S CK e dge)
SPI Slave Mode Timing (CKEG=0)
SC K (C KP OL =1 )
SC K (C KP OL =0 )
SD O
SC S
SD I Da ta C apt ur e
D7 /D 0D 6/ D1
D5 /D 2D 4/ D3 D3 /D 4D 2/ D5
D1 /D 6D 0/ D7
Wr it e to S IM DR
(S DO c hange as s oon as w ri ti ng o ccu r; S DO =f l oat i ng if S CS =1 )
No te :F or S PI s la ve m ode, i f SI ME N= 1 a nd CS EN =0 , SP I is a lw a ys enabl ed
and ig nor e t he SC S le ve l.
SPI Slave Mode Timing (CKEG=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com