Electronic Components Datasheet Search
  English  ▼

X  

HT56RB27 Datasheet(PDF) 53 Page - Holtek Semiconductor Inc

Part # HT56RB27
Description  TinyPowerTM A/D Type Smart Card OTP MCU with DAC, ISO 7816 and USB Interfaces
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB27 Datasheet(HTML) 53 Page - Holtek Semiconductor Inc

Back Button HT56RB27 Datasheet HTML 49Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 50Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 51Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 52Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 53Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 54Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 55Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 56Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 57Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 153 page
background image
Controlling the on/off function of the A/D converter circuitry is implemented using the ADONB bit in
the ACSR register. When the ADONB bit is cleared to 0, the A/D converter is enabled.
Although the A/D clock source is determined by the system clock fSYS, and by bits ADCS2~ADCS0,
there are some limitations on the maximum A/D clock source speed that can be selected. As the minimum
value of permissible A/D clock period, tAD,is0.5
ms, care must be taken for system clock frequencies equal
to or greater than 4MHz. For example, if the system clock operates at a frequency of 4MHz, the
ADCS2~ADCS0 bits should not be set to
²100². Doing so will give A/D clock periods that are less than the
minimum A/D clock period which may result in inaccurate A/D conversion values. Refer to the following
table for examples, where values marked with an asterisk * show where, depending upon the device,
special care must be taken, as the values may be less than the specified minimum A/D Clock Period.
fSYS
A/D Clock Period (tAD)
ADCS=000
(tAD=2/fSYS)
ADCS=001
(tAD=8/fSYS)
ADCS=010
(tAD=32/fSYS)
ADCS=011
(undefined)
ADCS=100
(tAD=1/fSYS)
ADCS=101
(tAD=4/fSYS)
ADCS=110
(tAD=16/fSYS)
ADCS=111
(undefined)
1MHz
2
ms8ms32ms
Undefined
1
ms4ms16ms
Undefined
2MHz
1
ms4ms16ms
Undefined
500ns
2
ms8ms
Undefined
4MHz
500ns
2
ms8ms
Undefined
250ns*
1
ms4ms
Undefined
8MHz
250ns*
1
ms
4ms
Undefined
125ns*
500ns
2
ms
Undefined
12MHz
167ns*
667ns
2.67
ms
Undefined
83ns*
333ns*
1.33
ms
Undefined
A/D Clock Period Examples
A/D Input Pins
All of the A/D analog input pins are pin-shared with the I/O pins on Port A. Bits PCR7~PCR0 in the
ADPCR register, determine whether the input pins are setup as normal input/output pins or whether
they are setup as analog inputs. In this way, pins can be changed under program control to change their
function from normal I/O operation to analog inputs and vice versa. Pull-high resistors, which are
setup through register programming, apply to the input pins only when they are used as normal I/O
pins, if setup as A/D inputs the pull-high resistors will be automatically disconnected. Note that it is not
necessary to first setup the A/D pin as an input in the port control register to enable the A/D input as
when the PCR7~PCR0 bits enable an A/D input, the status of the port control register will be
overridden. The A/D converter has its own power supply pins AVDD and AVSS and a VREF reference
pin. The analog input values must not be allowed to exceed the value of VREF.
Initialising the A/D Converter
The internal A/D converter must be initialised in a special way. Each time the A/D channel selection
bits are modified by the program, the A/D converter must be re-initialised. If the A/D converter is not
initialised after the channel selection bits are changed, the EOCB flag may have an undefined value,
which may produce a false end of conversion signal. To initialise the A/D converter after the channel
selection bits have changed, then the START bit in the ADCR register must first be set high and then
immediately cleared to zero. This will ensure that the EOCB flag is correctly set to a high condition.
Summary of A/D Conversion Steps
The following summarises the individual steps that should be executed in order to implement an A/D
conversion process.
· Step 1
Select the required A/D conversion clock by correctly programming bits ADCS2, ADCS1 and
ADCS0 in the register.
· Step 2
Enable the A/D by clearing the in the ACSR register to zero.
HT56RB27
TinyPowerTM A/D Type Smart Card OTP MCU
with DAC, ISO 7816 and USB Interfaces
Rev. 1.20
53
April 26, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com