Electronic Components Datasheet Search
  English  ▼

X  

HT66FU40 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT66FU40
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FU40 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT66FU40 Datasheet HTML 35Page - Holtek Semiconductor Inc HT66FU40 Datasheet HTML 36Page - Holtek Semiconductor Inc HT66FU40 Datasheet HTML 37Page - Holtek Semiconductor Inc HT66FU40 Datasheet HTML 38Page - Holtek Semiconductor Inc HT66FU40 Datasheet HTML 39Page - Holtek Semiconductor Inc HT66FU40 Datasheet HTML 40Page - Holtek Semiconductor Inc HT66FU40 Datasheet HTML 41Page - Holtek Semiconductor Inc HT66FU40 Datasheet HTML 42Page - Holtek Semiconductor Inc HT66FU40 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 298 page
background image
Rev. 1.90
�8
�e���a�� 18� �01�
Rev. 1.90
�9
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
Special Function Register Description
MostoftheSpecialFunctionRegisterdetailswillbedescribedintherelevantfunctionalsection,
howeverseveralregistersrequireaseparatedescriptioninthissection.
Indirect Addressing Registers – IAR0, IAR1
TheIndirectAddressingRegisters,IAR0andIAR1,althoughhavingtheirlocationsinnormalRAM
registerspace,donotactuallyphysicallyexistasnormalregisters.Themethodofindirectaddressing
forRAMdatamanipulationusestheseIndirectAddressingRegistersandMemoryPointers,in
contrasttodirectmemoryaddressing,wheretheactualmemoryaddressisspecified.Actionsonthe
IAR0andIAR1registerswillresultinnoactualreadorwriteoperationtotheseregistersbutrather
tothememorylocationspecifiedbytheircorrespondingMemoryPointers,MP0orMP1.Actingasa
pair,IAR0andMP0cantogetheraccessdatafromBank0whiletheIAR1andMP1registerpaircan
accessdatafromanybank.AstheIndirectAddressingRegistersarenotphysicallyimplemented,
readingtheIndirectAddressingRegistersindirectlywillreturnaresultof"00H"andwritingtothe
registersindirectlywillresultinnooperation.
Memory Pointers – MP0, MP1
TwoMemoryPointers,knownasMP0andMP1areprovided.TheseMemoryPointersare
physicallyimplementedintheDataMemoryandcanbemanipulatedinthesamewayasnormal
registersprovidingaconvenientwaywithwhichtoaddressandtrackdata.Whenanyoperationto
therelevantIndirectAddressingRegistersiscarriedout,theactualaddressthatthemicrocontroller
isdirectedto,istheaddressspecifiedbytherelatedMemoryPointer.MP0,togetherwithIndirect
AddressingRegister,IAR0,areusedtoaccessdatafromBank0,whileMP1andIAR1areusedto
accessdatafromallbanksaccordingtoBPregister.DirectAddressingcanonlybeusedwithBank0,
allotherBanksmustbeaddressedindirectlyusingMP1andIAR1.NotethatfortheHT66F20and
HT66F30devices,bit7oftheMemoryPointersisnotrequiredtoaddressthefullmemoryspace.
Whenbit7oftheMemoryPointersforHT66F20andHT66F30devicesisread,avalueof"1"will
bereturned.
ThefollowingexampleshowshowtoclearasectionoffourDataMemorylocationsalreadydefined
aslocationsadres1toadres4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com