Electronic Components Datasheet Search
  English  ▼

X  

HT7525-2 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT7525-2
Description  100mA Low Power LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7525-2 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT7525-2 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7525-2 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7525-2 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7525-2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7525-2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7525-2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7525-2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7525-2 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7525-2 Datasheet HTML 10Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
5-pin SOT23-5 Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.039
¾
0.051
A1
¾¾
0.004
A2
0.028
¾
0.035
b
0.014
¾
0.020
C
0.004
¾
0.010
D
0.106
¾
0.122
E
0.055
¾
0.071
e
¾
0.075
¾
H
0.102
¾
0.118
L
0.015
¾¾
q
0
°¾
9
°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
1.00
¾
1.30
A1
¾¾
0.10
A2
0.70
¾
0.90
b
0.35
¾
0.50
C
0.10
¾
0.25
D
2.70
¾
3.10
E
1.40
¾
1.80
e
¾
1.90
¾
H
2.60
¾
3.0
L
0.37
¾¾
q
0
°¾
9
°
HT75xx-2
Rev. 1.40
9
April 30, 2013
D
H
E
e
A 2
b
A 1
A
C
L



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com